Electronic Components Datasheet Search
  English  ▼

X  

TPS51116MPWPEP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPEP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPEP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS51116MPWPEP Datasheet HTML 8Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 9Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 10Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 11Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 12Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 13Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 14Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 15Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
PWM Frequency and Adaptive On-Time Control
TPS51116 includes an adaptive on-time control scheme and does not have a dedicated oscillator on board.
However, the device runs with fixed 400-kHz pseudo-constant frequency by feed-forwarding the input and output
voltage into the on-time one-shot timer. The on-time is controlled inverse proportional to the input voltage and
proportional to the output voltage so that the duty ratio is kept as VOUT/VIN technically with the same cycle time.
Although the TPS51116 does not have a pin connected to VIN, the input voltage is monitored at LL pin during
the ON state. This helps pin count reduction to make the part compact without sacrificing its performance. In
order to secure minimum ON-time during startup, feed-forward from the output voltage is enabled after the output
becomes 750 mV or larger.
VDDQ Output Voltage Selection
TPS51116 can be used for both of DDR (VVDDQ = 2.5 V) and DDR2 (VVDDQ = 1.8 V) power supply and adjustable
output voltage (0.75 V < VVDDQ < 3 V) by connecting VDDQSET pin as shown in Table 1. Use the adjustable
output voltage scheme for a DDR3 (VVDDQ= 1.5 V) or LPDDR3 (VVDDQ= 1.2 V) application.
Table 1. VDDQSET and Output Voltages
VDDQSET
VDDQ (V)
VTTREF and VTT
NOTE
GND
2.5
VVDDQSNS/2
DDR
V5IN
1.8
VVDDQSNS/2
DDR2
FB Resistors
Adjustable
VVDDQSNS/2
0.75 V < VVDDQ < 3 V
(1) (2)
VTT Linear Regulator and VTTREF
TPS51116 integrates high performance low-dropout linear regulator that is capable of sourcing and sinking
current up to 1 A. This VTT linear regulator employs ultimate fast response feedback loop so that small ceramic
capacitors are enough to keep tracking the VTTREF within ±40 mV at all conditions including fast load transient.
To achieve tight regulation with minimum effect of wiring resistance, a remote sensing terminal, VTTSNS, should
be connected to the positive node of VTT output capacitor(s) as a separate trace from VTT pin. For stable
operation, total capacitance of the VTT output terminal can be equal to or greater than 20
μF. It is recommended
to attach two 10-
μF ceramic capacitors in parallel to minimize the effect of ESR and ESL. If ESR of the output
capacitor is greater than 2 m
Ω, insert an RC filter between the output and the VTTSNS input to achieve loop
stability. The RC filter time constant should be almost the same or slightly lower than the time constant made by
the output capacitor and its ESR. VTTREF block consists of on-chip 1/2 divider, LPF and buffer. This regulator
also has sink and source capability up to 10 mA. Bypass VTTREF to GND by a 0.033-
μF ceramic capacitor for
stable operation.
When VTT is not required in the design, following treatment is strongly recommended.
•
Connect VLDOIN to VDDQSNS.
•
Tie VTTSNS to VTT, and remove capacitors from VTT to float.
•
Connect VTTGND and MODE to GND (Non-tracking discharge mode as shown in Table 3)
•
Maintain a 0.033-µF capacitor connected at VTTREF.
•
Pull down S3 to GND with 1 k
Ω of resistance.
A typical circuit for this application is shown in Figure 2
(1)
VVDDQ≥ 1.2 V when used as VLDOIN.
(2)
Including DDR3 and LPDDR3
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com