Electronic Components Datasheet Search
  English  ▼

X  

TPS51116MPWPEP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPEP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPEP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS51116MPWPEP Datasheet HTML 10Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 11Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 12Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 13Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 14Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 15Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 16Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 17Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
VTT
VTT
VTTSS
VTTOCL
C
V
t
I
´
=
VDDQ
VDDQ
VDDQSS
VDDQOCP
2
C
V
0.8
t
85 s
I
´
´
´
=
+
m
VOCL
VVDDQ
VPGOOD
VS5
80%
87%
100%
85
µs
45
µs
UDG−04066
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
Figure 3. VDDQ Soft-Start and Powergood Timing
Soft-start duration, tVDDQSS, tVTTSS are functions of output capacitances.
where
•
IVDDQOCP is the current limit value for VDDQ switcher calculated by Equation 5
(2)
where
•
IVTTOCL = 2.2 A (typ)
(3)
In both Equation 2 and Equation 3 , no load current during start-up are assumed. Note that both switchers and
the LDO do not start up with full load condition.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com