Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 24Page - Texas Instruments TPS51116 Datasheet HTML 25Page - Texas Instruments TPS51116 Datasheet HTML 26Page - Texas Instruments TPS51116 Datasheet HTML 27Page - Texas Instruments TPS51116 Datasheet HTML 28Page - Texas Instruments TPS51116 Datasheet HTML 29Page - Texas Instruments TPS51116 Datasheet HTML 30Page - Texas Instruments TPS51116 Datasheet HTML 31Page - Texas Instruments TPS51116 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
t − Time − 20
µs/div
VVDDQ (50 mV/div)
VVTT (20 mV/div)
VVTTREF
(20 mV/div)
IVTT
(2 A/div)
t − Time − 100
µs/div
VDDQ
VTTREF
PGOOD
S5
IVDDQ = IVTTREF = 0 A
t − Time − 20
µs/div
VVDDQ (50 mV/div)
IVDDQ (5 A/div)
IIND (5 A/div)
t − Time − 2
µs/div
VVDDQ (50 mV/div)
IVDDQ (2 A/div)
VVTTREF (10 mV/div)
VVTT (10 mV/div)
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 28. Ripple Waveforms - Heavy Load Condition
Figure 29. VDDQ Load Transient Response
Figure 30. VTT Load Transient Response
Figure 31. VDDQ, VTT, and VTTREF Start-Up Waveforms
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com