Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51116 Datasheet HTML 1Page - Texas Instruments TPS51116 Datasheet HTML 2Page - Texas Instruments TPS51116 Datasheet HTML 3Page - Texas Instruments TPS51116 Datasheet HTML 4Page - Texas Instruments TPS51116 Datasheet HTML 5Page - Texas Instruments TPS51116 Datasheet HTML 6Page - Texas Instruments TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION
SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
Check for Samples: TPS51116-EP
1
FEATURES
2
•
Synchronous Buck Controller (VDDQ)
APPLICATIONS
–
Wide-Input Voltage Range: 3.0-V to 28-V
•
DDR/DDR2/DDR3/LPDDR3 Memory Power
Supplies
–
D
−CAP™ Mode with 100-ns Load Step
Response
•
SSTL-2, SSTL-18, SSTL-15 and HSTL
Termination
–
Current Mode Option Supports Ceramic
Output Capacitors
SUPPORTS DEFENSE, AEROSPACE,
–
Supports Soft-Off in S4/S5 States
AND MEDICAL APPLICATIONS
–
Current Sensing from RDS(on) or Resistor
•
Controlled Baseline
–
2.5-V (DDR), 1.8-V (DDR2), Adjustable to
•
One Assembly and Test Site
1.5-V (DDR3) or 1.2-V (LPDDR3) or
Output Range 0.75-V to 3.0-V
•
One Fabrication Site
–
Equipped with Powergood, Overvoltage
•
Available in Military (–55°C to 125°C)
Protection and Undervoltage Protection
Temperature Range
•
1-A LDO (VTT), Buffered Reference (VREF)
•
Extended Product Life Cycle
–
Capable to Sink and Source 1 A
•
Extended Product-Change Notification
–
LDO Input Available to Optimize Power
•
Product Traceability
Losses
–
Requires only 20-
μF Ceramic Output
Capacitor
–
Buffered Low Noise 10-mA VREF Output
–
Accuracy ±20 mV for both VREF and VTT
–
Supports High-Z in S3 and Soft-Off in S4/S5
–
Thermal Shutdown
DESCRIPTION
The TPS51116 provides a complete power supply for DDR/SSTL-2, DDR2/SSTL-18, DDR3/SSTL-15, and
LPDDR3 memory systems. It integrates a synchronous buck controller with a 1-A sink/source tracking linear
regulator and buffered low noise reference. The TPS51116 offers the lowest total solution cost in systems where
space is at a premium. The TPS51116 synchronous controller runs fixed 400-kHz, pseudo-constant frequency
PWM with an adaptive on-time control that can be configured in D-CAP™ Mode for ease of use and fastest
transient response or in current mode to support ceramic output capacitors. The 1-A sink/source LDO maintains
fast transient response only requiring 20-
μF (2 × 10 μF) of ceramic output capacitance. In addition, the LDO
supply input is available externally to significantly reduce the total power losses. The TPS51116 supports all of
the sleep state controls placing VTT at high-Z in S3 (suspend to RAM) and discharging VDDQ, VTT and
VTTREF (soft-off) in S4/S5 (suspend to disk). TPS51116 has all of the protection features including thermal
shutdown and is offered in a 20-pin HTSSOP PowerPAD™ package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116PWP TI-TPS51116PWP Datasheet
667Kb / 29P
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWP TI1-TPS51116PWP Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWP TI1-TPS51116PWP Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results

Similar Description - TPS51116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com