Electronic Components Datasheet Search
  English  ▼

X  

ABR300 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ABR300
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ABR300 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ABR300 Datasheet HTML 1Page - Arch Electronics Corp. ABR300 Datasheet HTML 2Page - Arch Electronics Corp. ABR300 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : PA_1
update : 2016.07.21
AC-DC Brick
ABR300 SERIES
300 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-2-
CONNECTION FFOR STANDARD USE
(1.) To use the ABR300 series, external parts should be connected as shown in Fig 1.1.
(2.) The ABR300 series should be conduction-cooled. Use a heatsink or fan to dissipate heat.
Fig 1.1
Table 1.1 (Parts name.)
No.
Symbol
Item
Rating
Part name
1
F11
Input fuse
AC250V/10A
325010 (Little fuse)
2
C11
Input capacitor
AC275V/2.2uF
ECQ U AAF225 (Panasonic)
3
CY1
Y capacitor
AC250V/2200pF
DE1E3KX222M (Murata Manufacturing)
4
L11
6m H/ 12A
ADM-25-12-060T (Ueno)
5
L12
Line Filter
6m H/ 12A
ADM-25-12-060T (Ueno)
6
CX1
AC275V/1.5uF
ECQUAAF155 (Panasonic)
7
CX2
X capacitor
AC275V/1.5uF
ECQUAAF155 (Panasonic)
8
CY2
AC250V/2200pF
DE1E3KX222M (Murata Manufacturing)
9
CY3
Noise filter
Y capacitor
AC250V/2200pF
DE1E3KX222M (Murata Manufacturing)
F12 *3
DC25V/2200uF
ELXZ250EL L222 (Nippon Chemi-Con)
F28 *3
DC50V/1000uF
ELXZ500EL L102 (Nippon Chemi-Con)
10
Co
Output capacitor
F48 *3
DC63V/470uF
ELXZ630EL L471 (Nippon Chemi-Con)
F12 *3
DC25V/10uF
GRM31CR71E106 (Murata Manufacturing)
F28 *3
DC50V/4.7uF
GRM31CR71H475 (Murata Manufacturing)
11
C40
Bypass capacitor
F48 *3
DC100V/2.2uF
GRM31CR72A225 (Murata Manufacturing)
12
Cbc
Smoothing capacitor for boost voltage
DC450V/ 470uF
ELXS451VSN 471 (Nippon Chemi-Con)
AFS450V684K ×2 (parallel)
13
C20
Capacitor for boost voltage
DC450V/ 0.68uF
(OKAYA ELECTRIC INDUSTRIES)
14
TFR1
Inrush current limiting resistor
10Ω
F5K-100J14 (TAMURA THERMAL DEVICE)
68kΩ ×3 series
CRS32 683 (HOKURIKU ELECTRIC
15
R1
Discharging resistor
2 parallel
16
SK11 / SK21 / SK22
Varistor
620V
TND14V-621K (Nippon Chemi-Con)
17
SA11
Surge absorber
4kV
DSA-402MA (Mitsubishi Materials)
Parts name are shown in Table 1.1 as reference.
External parts should be changed according to the ambient temperature, and input and output conditions.
For details, refer to the selection method of individual parts.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com