Electronic Components Datasheet Search
  English  ▼

X  

ABR300 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ABR300
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ABR300 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ABR300 Datasheet HTML 1Page - Arch Electronics Corp. ABR300 Datasheet HTML 2Page - Arch Electronics Corp. ABR300 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : PA_1
update : 2016.07.21
AC-DC Brick
ABR300 SERIES
300 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Please connection Fig 1.1 for standard use.
Model No.
ABR300-12S
ABR300-28S
ARB300-48S
Max Output Wattage (W)
300W
Voltage
90-264 VAC
Frequency (Hz)
47-63 Hz
Current (Full load)
<5.0 A max. (115 VAC) / <2.5 A max. (230 VAC)
Inrush Current (<2ms)
Limited by external components (Thermistor)
Leakage Current
< 0.75 mA max.
Input
Power Factor (typ.)
PF>0.95 (100 VAC) / PF>0.9 (200 VAC) at Full Load
Voltage (V.DC.)
12V
28V
48V
Trim (V.DC)
10.8 ~ 13.2V
26.6 ~ 29.4V
43.2 ~ 52.8V
Voltage Accuracy
±2%
Current (A) (max.)
25
11
6.25
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load (at 230VAC)
Pending
Pending
Pending
Ripple & Noise (max.)
120mV
200mV
240mV
Efficiency (typ.)
88%
90%
91%
No Load Power Consumption
<0.75W
Remote Sensing
Provided
Remote On/ Off
Optional (External power supply is required)
Output
Hold-up Time
Limited by external capacitor
Over Current Protection
Auto recovery
Over Voltage Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery, Hiccup mode
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
2000V
Isolation
Output-FG .(V.AC)
500V
Operating Temperature
-40°C…+100°C (On Aluminum Base Plate)
Storage Temperature
-40°C…+100°C
Temperature Coefficient
±0.05%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F, Notice 1)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
4.62 x 2.42 x 0.5 Inches ( 117.3 x 61.5 x 12.7 mm ) Tolerance
0.1 mm
Weight
Pending
Physical
Cooling Method
Free convection
Safety
Agency Approvals
CE, UL60950-1, CB (Pending)
EMI
(Conducted & Radiated Emission)
EN 55022 class A (Conductive plane to be connected to safety earth) (Pending)
EMC
EMS (Noise Immunity)
EN 55024、EN61000-4-2,3,4,5,6,8,11 (Pending)
KEY FEATURES
Switching Power Module for PCB Mountable
Universal Input: 90-264 VAC
Full Brick Size with Base Plate
Over Current Protection
Short Circuit Protection
Over Voltage Protection
Remote ON/OFF Control
Remote Sense
Low No Load Power Consumption
3-Year Product Warranty
(Pending)


Similar Part No. - ABR300

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300 ARCH-ABR300 Datasheet
257Kb / 3P
Switching Power Module for PCB Mountable
ABR300-12S ARCH-ABR300-12S Datasheet
257Kb / 3P
Switching Power Module for PCB Mountable
ABR300-24S ARCH-ABR300-24S Datasheet
257Kb / 3P
Switching Power Module for PCB Mountable
ABR300-28S ARCH-ABR300-28S Datasheet
257Kb / 3P
Switching Power Module for PCB Mountable
ABR300-48S ARCH-ABR300-48S Datasheet
257Kb / 3P
Switching Power Module for PCB Mountable
More results

Similar Description - ABR300

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com