Electronic Components Datasheet Search
  English  ▼

X  

Z230B Datasheet(PDF) 1 Page - Formosa MS

Part # Z230B
Description  Zener Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z230B Datasheet(HTML) 1 Page - Formosa MS

  Z230B Datasheet HTML 1Page - Formosa MS Z230B Datasheet HTML 2Page - Formosa MS Z230B Datasheet HTML 3Page - Formosa MS Z230B Datasheet HTML 4Page - Formosa MS Z230B Datasheet HTML 5Page - Formosa MS Z230B Datasheet HTML 6Page - Formosa MS Z230B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
1
2
2
2
2
3
4
5
5
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings ..............................................................................
Electrical characteristics....................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Taping & bulk specifications for AXIAL devices....................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222716
2008/02/10
2010/03/10
B
7
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Z100B THRU Z330B
Formosa MS
Zener Diode


Similar Part No. - Z230B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
Z230 FORMOSA-Z230 Datasheet
54Kb / 2P
1WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
Z230 NJSEMI-Z230 Datasheet
94Kb / 1P
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
List of Unclassifed Man...
Z230LA10 ETC2-Z230LA10 Datasheet
111Kb / 1P
RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
Z230LA20A ETC2-Z230LA20A Datasheet
111Kb / 1P
RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
Z230LA4 ETC2-Z230LA4 Datasheet
111Kb / 1P
RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
More results

Similar Description - Z230B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com