Electronic Components Datasheet Search
  English  ▼

X  

BYV34 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BYV34
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYV34 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BYV34 Datasheet HTML 1Page - Diode Semiconductor Korea BYV34 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ=25
Pulse Width=300
µs
0.2
0.4
2
4
20
40
48
0
12
24
96
72
12 0
41 0
2 0
100
40
T
J=125
10ms Single Half
Sine-Wave
FIG.2 -- FORWORD DERATING CURVE
FIG.3 -- TYPICAL FORWORD CHARACTERISTIC
FIG.4-- PEAK FORWORD SURGE CURRENT
INSTANTANEOUS FORWORD VOLTAGE,VOLTS
NUMBER OF CYCLES AT 50H Z
BYV34---SERIES
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CASE TEMPERATURE,
SET TIMEBASEFOR 25 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
0
0
8
125
75
100
50
25
16
24
12
4
20
28
150
Single Phase
Half Wave 50Hz
Resistive or
Inductive Load
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
-1 .0 A
-0 .25A
0
+0 .5A
trr
1cm
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com