Electronic Components Datasheet Search
  English  ▼

X  

BYV34 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BYV34
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYV34 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BYV34 Datasheet HTML 1Page - Diode Semiconductor Korea BYV34 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
10.2± 0.2
φ 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
FEATURES
Low cost
Diffus ed junction
Low leakage
and s im ilar solvents
MECHANICAL DATA
Cas e: JEDEC TO-220AB, m olded plastic
MIL-STD-202,Method 208
Mounting: Any
Ratings at 25
am bient tem perature unless otherwise specified.
Single phase,half wave,50Hz,resistive or inductive load. For capacitive load,derate by 20%.
Maximum recurrent peak reverse voltage
V
RRM
V
Maximum RMS voltage
V
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectif ied current
@T
A=115
Peak forward surge current
10ms single half-sine-wave
superimposed on rated load
Maximum instantaneous
@I
F=10A,TJ=150
V
F
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
t rr
ns
Typical thermal resistance
(Note2)
RθJA
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
120
A
A
BYV34---SERIES
- 55 ----- + 150
SUPER FAST RECTIFIERS
VOLTAGE RANGE: 300 - 500 V
CURRENT: 20 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
TO - 220AB
Low forward voltage drop
High current capability
IF(AV)
UNITS
- 55 ----- + 150
NOTE: 1.Measured with I
F=0.5A, IR=1A, I rr=0. 25A.
2. Thermal resistance from junction to ambient.
A
60
60
300
400
500
Easily cleaned with freon,alcohol, lsopropand
Polarity: Color band denotes cathode
Weight: 0.071 ounces,2.006 gram s
600
50
Term inals: Plated leads,solderable per
BYV34-300
BYV34-400
BYV34-500
300
400
500
210
280
350
I
R
IFSM
1.05
1.35
forward voltage
@I
F=20A,TJ=25
20
RMS
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BYV34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV34 PHILIPS-BYV34 Datasheet
46Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV34-300 PHILIPS-BYV34-300 Datasheet
46Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
logo
Seme LAB
BYV34-300M SEME-LAB-BYV34-300M Datasheet
23Kb / 2P
HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
logo
NXP Semiconductors
BYV34-400 PHILIPS-BYV34-400 Datasheet
46Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
logo
WeEn Semiconductors
BYV34-400 WEEN-BYV34-400 Datasheet
390Kb / 10P
Dual ultrafast power diode
More results

Similar Description - BYV34

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com