Electronic Components Datasheet Search
  English  ▼

X  

BD7902FS Datasheet(PDF) 14 Page - Rohm

Part # BD7902FS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902FS Datasheet(HTML) 14 Page - Rohm

Back Button BD7902FS Datasheet HTML 10Page - Rohm BD7902FS Datasheet HTML 11Page - Rohm BD7902FS Datasheet HTML 12Page - Rohm BD7902FS Datasheet HTML 13Page - Rohm BD7902FS Datasheet HTML 14Page - Rohm BD7902FS Datasheet HTML 15Page - Rohm BD7902FS Datasheet HTML 16Page - Rohm BD7902FS Datasheet HTML 17Page - Rohm BD7902FS Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
BD7902CFS
Optical disc ICs
14/17
Ι ) Forward-rotation mode
In this mode, the disc rotation is started and accelerated.
When forward-rotation signal inputs from the Hall elements to the positive spindle-drive input terminals
(SPIN
> VC), the spindle-drive output terminals output forward torque signal.
HU
+
HU
−
HV
+
HV
−
HW
+
HW
−
UV
W
L
A
B
C
D
E
F
H
L
H
H
Sink
Sink
Sink
Sink
LH
HLH
Hi-Z
Hi-Z
LH
HL
L
Source
Source
Source
Source
HLHL
L
Source
Source
HL
LHL
Hi-Z
Hi-Z
Hi-Z
Hi-Z
HL
LH
H
L
L
H
H
H
L
Sink
Sink
Hall amplifier input (forward rotation)
SPIN
> VC
Source
=PWM
ΙΙ, ΙΙΙ ) Braking mode
In this mode, the disc rotation is decelerated and stopped.
〈 Reverse-rotation braking 〉
When the forward-rotation signal inputs from the Hall elements to the negative spindle-drive input terminals
(SPIN
< VC), the spindle-drive output terminals output reverse torque signal.
HU
+
HU
−
HV
+
HV
−
HW
+
HW
−
UV
W
L
G
H
I
J
K
L
HLH
H
Sink
Sink
Sink
Sink
LH
HLH
Hi-Z
Hi-Z
LH
HL
L
Source
Source
Source
Source
HLHL
L
Source
Source
HL
LHL
Hi-Z
Hi-Z
Hi-Z
Hi-Z
HL
LH
H
L
L
H
H
H
L
Sink
Sink
Hall amplifier input (forward rotation)
SPIN
< VC
Source
=PWM
3. Hall inputs (pin 1 to 6) and Hall bias (pin 7)
(Spindle)
Hall elements can be connected either in series or in parallel. Set the Hall input voltage to 1.0 to 4.0V.
HU
HV
HW
VCC
7pin
〈 Parallel connection 〉
VCC
7pin
〈 Series connection 〉
HU
HV
HW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com