Electronic Components Datasheet Search
  English  ▼

X  

BD7902FS Datasheet(PDF) 7 Page - Rohm

Part # BD7902FS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902FS Datasheet(HTML) 7 Page - Rohm

Back Button BD7902FS Datasheet HTML 3Page - Rohm BD7902FS Datasheet HTML 4Page - Rohm BD7902FS Datasheet HTML 5Page - Rohm BD7902FS Datasheet HTML 6Page - Rohm BD7902FS Datasheet HTML 7Page - Rohm BD7902FS Datasheet HTML 8Page - Rohm BD7902FS Datasheet HTML 9Page - Rohm BD7902FS Datasheet HTML 10Page - Rohm BD7902FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BD7902CFS
Optical disc ICs
7/17
Loading driver block
Output offset voltage
Output saturation voltage "H"
Output saturation voltage "L"
Voltage gain
CTL1, CTL2
Input high voltage
Input low voltage
Others
VC drop-muting
VCC drop-muting
VOFLD
VOHLD
VOLLD
GVLD
VIH
VIL
VMVC
VMVCC
−50
−
−
16.0
2.0
−
0.4
3.4
0
1.1
0.45
17.5
−
−
0.7
3.8
50
1.4
0.8
19.0
−
0.5
1.0
4.2
mV
V
V
dB
V
V
V
V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit
IL
=500mA
IL
=−500mA
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
This product is not designed for protection against radioactive rays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com