Electronic Components Datasheet Search
  English  ▼

X  

HM73 Datasheet(PDF) 1 Page - Bi technologies

Part # HM73
Description  Shielded Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM73 Datasheet(HTML) 1 Page - Bi technologies

  HM73_15 Datasheet HTML 1Page - Bi technologies HM73_15 Datasheet HTML 2Page - Bi technologies HM73_15 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded Low Profile
Surface Mount Inductors
MODEL HM73
Make Possible
Magnetics
Features
OperatingTemperatureRange-40°Cto+155°C
TemperatureRise,Maximum50°C
OperatingFrequencyUpto400kHz
(ForHM73-SXXXXLFmodelsUpto800kHz)
RoHSCompliant
Specifications@25°C
Part Number
Inductance
100 kHz 0.1V
I
rated
(1)
Rated
Current
Amps
Heating(2)
Current
Amps
I
sat
(3)
Saturation
Current
Amps
DC Resistance
Height
Inch/mm
Max.
Figure
@ 0 Adc
μH ± 20%
@ I
rated
μH Typ.
mΩ Typ.
mΩ Max.
HM73-10R10LF
0.10
0.09
22.0
26.7
38.0
1.40
1.65
.138/3.50
2
HM73-10R10LLF
0.10
0.09
22.0
28.0
38.0
1.20
1.40
.124/3.15
1
HM73-10R20LF
0.22
0.20
17.0
23.0
23.0
1.80
2.10
.138/3.50
2
HM73-10R20LLF
0.22
0.20
17.0
23.0
23.0
1.80
2.10
.124/3.15
1
HM73-10R47LF
0.47
0.42
15.0
19.2
23.0
2.70
3.16
.158/4.00
1
HM73-10R68LF
0.68
0.64
12.0
14.9
28.0
4.50
5.20
.158/4.00
1
HM73-101R0LF
1.00
1.00
8.5
14.9
15.0
5.20
7.00
.158/4.00
1
HM73-101R0LLF
1.00
0.90
6.0
10.9
18.0
8.40
9.20
.126/3.20
1
HM73-101R5LF
1.50
1.30
6.5
12.7
11.0
6.20
8.30
.177/4.50
1
HM73-102R0LF
2.00
1.70
8.0
11.8
11.0
7.20
8.30
.177/4.50
1
HM73-106R0LF
6.00
5.00
4.8
6.0
4.8
26.00
30.00
.197/5.00
1
HM73-106R4LF
6.40
5.80
3.5
6.0
6.0
26.00
30.00
.197/5.00
1
HM73-12R68LF
0.68
0.60
16.0
20.0
30.0
2.70
3.20
.197/5.00
1
HM73-S121R0LF
1.00
0.80
10.0
12.0
12.0
3.50
4.00
.177/4.50
1
HM73-S121R8LF
1.80
1.40
6.0
8.0
7.0
7.00
7.30
.177/4.50
1
HM73-15R10LF
0.108
0.103
30.0
40.8
51.0
0.60
0.70
.185/4.70
1
HM73-15R20LF
0.20
0.17
21.0
35.3
40.0
0.80
0.90
.158/4.00
1
HM73-15R47LF
0.47
0.42
17.0
26.7
35.0
1.40
1.55
.158/4.00
1
HM73-15R70LF
0.70
0.65
16.0
27.7
30.0
1.30
1.50
.220/5.60
1
HM73-151R0LF
1.00
0.95
10.0
22.0
34.0
2.00
2.20
.220/5.60
1
HM73-151R2LF
1.20
1.07
14.0
23.0
23.0
2.00
2.30
.232/5.90
1
HM73-151R5LF
1.50
1.33
10.0
22.9
25.0
1.90
2.20
.216/5.50
1
HM73-S152R1LF
2.10
1.68
11.0
12.0
16.0
6.50
7.80
.177/4.50
1
HM73-152R2LF
2.20
2.10
8.0
16.1
13.0
3.85
4.60
.216/5.50
1
HM73-152R4LF
2.40
1.92
15.0
17.0
20.0
3.35
4.00
.224/5.70
1
HM73-153R3LF
3.30
3.00
10.0
16.0
18.0
4.50
5.00
.287/7.30
1
HM73-154R7LF
4.70
3.50
10.0
15.6
16.0
4.80
5.30
.288/7.30
1
HM73-201R0LF
1.00
0.91
16.0
18.8
32.0
2.80
3.30
.177/4.50
1
HM73-201R5LF
1.50
1.43
13.0
16.4
22.0
3.70
4.40
.177/4.50
1
HM73-30R60LF
0.60
0.54
27.0
30.1
40.0
1.10
1.40
.216/5.50
1
HM73-301R0LF
1.00
0.89
23.0
25.8
34.0
1.50
1.85
.216/5.50
1
HM73-301R5LF
1.50
1.25
18.0
16.0
30.0
1.90
2.30
.216/5.50
1
HM73-302R2LF
2.20
2.00
12.0
15.0
24.0
4.40
5.10
.216/5.50
1
HM73-303R9LF
3.90
3.60
10.0
13.7
18.0
5.70
7.20
.216/5.50
1
HM73-304R6LF
4.60
4.10
9.0
12.4
14.0
6.50
8.30
.216/5.50
1
HM73-316R4LF
6.40
5.65
6.5
7.8
16.0
16.60
25.00
.197/5.00
2
HM73-318R2LF
8.20
7.72
5.6
7.3
16.0
18.80
26.00
.197/5.00
2
HM73-31100LF
10.0
8.90
6.0
6.9
10.0
20.80
26.00
.197/5.00
2
HM73-40R15LF
0.15
0.13
40.0
44.7
80.0
0.50
0.55
.256/6.50
1
HM73-40R30LF
0.30
0.27
40.0
40.8
73.0
0.60
0.75
.256/6.50
1
HM73-40R40LF
0.40
0.37
40.0
40.0
61.0
0.65
1.00
.256/6.50
1
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM73_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM73-151R0 ETC1-HM73-151R0 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73-151R0LF BITECH-HM73-151R0LF Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73-151R0LF TTELEC-HM73-151R0LF Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73-151R2 ETC1-HM73-151R2 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73-151R2LF BITECH-HM73-151R2LF Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
More results

Similar Description - HM73_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
HM73 ETC1-HM73 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM70 BITECH-HM70 Datasheet
721Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com