Electronic Components Datasheet Search
  English  ▼

X  

HM73 Datasheet(PDF) 2 Page - Bi technologies

Part # HM73
Description  Shielded Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM73 Datasheet(HTML) 2 Page - Bi technologies

  HM73_15 Datasheet HTML 1Page - Bi technologies HM73_15 Datasheet HTML 2Page - Bi technologies HM73_15 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Low Profile
Surface Mount Inductors
MODEL HM73
Make Possible
OrderingInformation
Packaging
Specifications@25°C(continued)
Part Number
Inductance
100 kHz 0.1V
I
rated
(1)
Rated
Current
Amps
Heating(2)
Current
Amps
I
sat
(3)
Saturation
Current
Amps
DC Resistance
Height C
Inch/mm
Max.
Figure
@ 0 Adc
μH ± 20%
@ I
rated
μH Typ.
mΩ Typ.
mΩ Max.
HM73-40R50LF
0.50
0.46
40.0
40.0
49.0
0.80
1.00
.256/6.50
1
HM73-40R90LF
0.90
0.80
25.0
28.8
40.0
1.20
1.40
.256/6.50
1
HM73-402R2LF
2.20
1.90
15.0
20.8
27.0
2.30
2.60
.256/6.50
1
HM73-403R0LF
3.00
2.40
17.0
19.0
23.0
3.90
4.70
.256/6.50
1
HM73-403R3LF
3.30
2.64
17.0
21.0
24.0
3.30
4.20
.276/7.00
1
HM73-509R1LF
9.10
7.40
8.0
10.5
15.0
9.10
10.80
.295/7.50
1
HM73-50100LF
10.0
8.00
8.0
10.2
15.0
9.60
11.40
.295/7.50
1
HM73-50120LF
12.0
10.59
7.0
8.7
13.0
13.00
15.00
.295/7.50
1
HM73-50140LF
14.0
12.00
5.5
9.5
10.0
11.00
13.20
.335/8.50
1
HM73-5015R5LF
15.5
13.00
5.0
9.9
10.0
15.00
18.20
.315/8.00
1
HM73-5020R9LF
20.9
17.00
4.5
8.0
8.0
16.00
19.00
.335/8.50
1
HM73-5026R5LF
26.5
22.50
4.6
7.0
8.8
21.00
25.20
.355/9.00
1
HM73-601R0LF
1.00
0.80
30.0
38.0
45.0
1.00
1.20
.287/7.30
1
HM73-602R02LF
2.02
1.62
20.0
28.0
28.0
1.85
2.22
.323/8.20
1
Notes: (1) The rated current is the approximate current at which inductance will be decreased by 20% from its initial (zero DC) value.
(2) The Heating Current is the DC current which causes the component temperature to increase by approximately 50°C. This current is determined
by soldering the component on a typical application PCB, and then applying the current to the component for 30 minutes.
(3) Isat is the saturation current at which inductance rolls off approximately 30% from its initial unbiased inductance value.
(4) PC Board layout, proximity of other components, trace size and airflow will affect temperature rise and must be considered
when selecting an inductor.
Standard:
Embossed Tape and Reel
(1) Case size 10, 10L & 12
Reel:
Diameter:
7”(177.8mm)
13” (330.2mm)
Capacity:
=
250 Units
1000 Units
(2) Other case sizes
Reel:
Diameter:
Case size 15, 20, 30, 31, 40, 50, 60
=
13” (330.2mm)
Capacity:
Case size 20, 30, 31, 40 *
=
400 Units
Case size 15
=
500 Units
Case size 50, 60
=
250 Units
* Except for HM73-403R3LFTR13 which is 300 units per reel.
HM73 - S 12 1R0 LF TR13
Model Series
Type
S _ Low loss core material
(No code used for normal material)
Case Size:
10, 31 = Figure 2
10, 10L, 12, 15, 20, 30, 40, 50, 60 = Figure 1
Tape & Reel Packing
7 – 7” reel
13 – 13” reel
Lead Free
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros. For values below 10μH,
“R“ denotes the decimal point.
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com