Electronic Components Datasheet Search
  English  ▼

X  

DRV103 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV103
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV103 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV103 Datasheet HTML 6Page - Texas Instruments DRV103 Datasheet HTML 7Page - Texas Instruments DRV103 Datasheet HTML 8Page - Texas Instruments DRV103 Datasheet HTML 9Page - Texas Instruments DRV103 Datasheet HTML 10Page - Texas Instruments DRV103 Datasheet HTML 11Page - Texas Instruments DRV103 Datasheet HTML 12Page - Texas Instruments DRV103 Datasheet HTML 13Page - Texas Instruments DRV103 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DRV103
13
SBVS029A
Delay
Adj
0.22
µF
205k
Ω
+12V
GND
OUT
Input
+V
S
OK
Microsemi
SK34MS
3A 40V Schottky
Duty Cycle
Adj
Freq
Adj
137k
Ω
47
µF
Tantalum
DRV103
22
µF
4
3
1
2
8
1.7V
5
6
7
1M
Ω
316k
Ω
"Fault"
HLMP-0156
+
+
C
T
C
T (µF)
47
22
10
4.7
2.2
T
ON (s)
10
5
2
1
0.5
5.6k
Ω
Relay
Delay
Adj
Duty Cycle
Adj
Freq
Adj
0.1
µF
205k
Ω
GND
OUT
Input
+V
S
137k
Ω
DRV103
22
µF
4
3
1
2
8
5
6
+
24k
Ω
3.9k
Ω
+28V
Housing
Relay
FIGURE 15. Time Delay Relay Driver.
FIGURE 16. Remotely Operated Solenoid Valve or Relay.
APPLICATIONS CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com