Electronic Components Datasheet Search
  English  ▼

X  

DRV103 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV103
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV103 Datasheet(HTML) 2 Page - Texas Instruments

  DRV103 Datasheet HTML 1Page - Texas Instruments DRV103 Datasheet HTML 2Page - Texas Instruments DRV103 Datasheet HTML 3Page - Texas Instruments DRV103 Datasheet HTML 4Page - Texas Instruments DRV103 Datasheet HTML 5Page - Texas Instruments DRV103 Datasheet HTML 6Page - Texas Instruments DRV103 Datasheet HTML 7Page - Texas Instruments DRV103 Datasheet HTML 8Page - Texas Instruments DRV103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DRV103
2
SBVS029A
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
DRV103U
SO-8
182
–40
°C to +85°C
DRV103U
DRV103U
Rails
"
"
"
"
"
DRV103U/2K5
Tape and Reel
DRV103H
PowerPAD™ SO-8
DDA
–40
°C to +85°C
DRV103H
DRV103H
Rails
"
"
"
"
"
DRV103H/2K5
Tape and Reel
NOTES: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500
pieces of “DRV103U/2K5” will get a single 2500-piece Tape and Reel.
Supply Voltage, VS(2) ......................................................................... +40V
Input Voltage .................................................................. –0.2V to +5.5V(3)
PWM Adjust Input .......................................................... –0.2V to +5.5V(3)
Delay Adjust Input .......................................................... –0.2V to +5.5V(3)
Frequency Adjust Input .................................................. –0.2V to +5.5V(3)
Status OK Flag and OUT .................................................... –0.2V to VS(4)
Operating Temperature Range ...................................... –55
°C to +125°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) See Bypassing section for discussion about
operating near maximum supply voltage. (3) Higher voltage may be applied
if current is limited to 2mA. (4) The Status OK Flag will internally current limit
at about 10mA.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com