Electronic Components Datasheet Search
  English  ▼

X  

DS90C387 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C387
Description  Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DS90C387 Datasheet HTML 18Page - National Semiconductor (TI) DS90C387 Datasheet HTML 19Page - National Semiconductor (TI) DS90C387 Datasheet HTML 20Page - National Semiconductor (TI) DS90C387 Datasheet HTML 21Page - National Semiconductor (TI) DS90C387 Datasheet HTML 22Page - National Semiconductor (TI) DS90C387 Datasheet HTML 23Page - National Semiconductor (TI) DS90C387 Datasheet HTML 24Page - National Semiconductor (TI) DS90C387 Datasheet HTML 25Page - National Semiconductor (TI) DS90C387 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Applications Information (Continued)
Timing and control signals (VSYNC, HSYNC, DE and two
user-defined signals) are sent during blanking intervals to
guarantee correct reception of these critical signals.
The transmitter is offered with programmable edge data
strobes for convenient interface with a variety of graphics
controllers. The transmitter can be programmed for rising
edge strobe or falling edge strobe through a dedicated pin. A
rising edge transmitter will inter-operate with a falling edge
receiver without any translation logic.
RSKM - Receiver Skew Margin
RSKM is a chipset parameter and is explained in AN-1059 in
detail. It is the difference between the transmitter’s pulse
position and the receiver’s strobe window. RSKM must be
greater than the summation of: Interconnect skew, LVDS
Source Clock Jitter (TJCC), and ISI (if any). See Figure 12.
Interconnect skew includes PCB traces differences, connec-
tor skew and cable skew for a cable application. PCB trace
and connector skew can be compensated for in the design of
the system. Cable skew is media type and length dependant.
RSKMD - Receiver Skew Margin with DESKEW
RSKMD is a chipset parameter and is applicable when the
DESKEW feature of the DS90CF388 is employed. It is the
difference between the receiver’s strobe window and the
ideal pulse locations. The DESKEW feature adjusts for skew
between each data channel and the clock channel. This
feature is supported up to 80 MHz clock rate. RSKMD must
be greater than the summation of: Transmitter’s Pulse Posi-
tion variance, LVDS Source Clock Jitter (TJCC), and ISI (if
any). See Figure 12. With Deskew, RSKMD is
≥ 25% of
TBIT. Deskew compensates for interconnect skew which
includes PCB traces differences, connector skew and cable
skew (for a cable application). PCB trace and connector
skew can be compensated for in the design of the system.
Note, cable skew is media type and length dependant. Cable
length may be limited by the RSKMD parameter prior to the
interconnect skew reaching 1 TBIT in length due to ISI
effects.
POWER DOWN
Both transmitter and receiver provide a power down feature.
When asserted current draw through the supply pins is
minimized and the PLLs are shut down. The transmitter
outputs are in TRI-STATE when in power down mode. The
receiver outputs are forced to a active LOW state when in
the power down mode. (See Pin Description Tables). The PD
pin should be driven HIGH to enable the device once V
CC is
stable.
DS90C387A/DS90CF388A
The DS90C387/CF388 chipset is electrically similar to the
DS90C387A/CF388A. The DS90C387A/CF388A is recom-
mended if support of longer cable drive is not required. DC
Balance data transmission and cable deskew features are
disabled to minimize overall power dissipation. The devices
will also directly inter-operate with existing FPD-Link devices
for backward compatibility.
Configuration Table
TABLE 7. TRANSMITTER / RECEIVER CONFIGURATION TABLE
Pin
Condition
Configuration
R_FB (Tx only)
R_FB = V
CC
Rising Edge Data Strobe
R_FB = GND
Falling Edge Data Strobe
R_FDE (both Tx and Rx)
R_FDE = V
CC
Active data DE = High
R_FDE = GND
Active data DE = Low
BAL (both Tx and Rx)
BAL=V
CC
DC Balanced enabled
BAL=Gnd
DC Balanced disabled (backward compatible to FPD-Link)
DUAL (Tx only)
DUAL=V
CC
48-bit color (dual pixel) support
DUAL=1/2V
CC
Single-to-dual support
DUAL=Gnd
24-bit color (single pixel) support
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com