Electronic Components Datasheet Search
  English  ▼

X  

SLUS774 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLUS774
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUS774 Datasheet(HTML) 2 Page - Texas Instruments

  SLUS774 Datasheet HTML 1Page - Texas Instruments SLUS774 Datasheet HTML 2Page - Texas Instruments SLUS774 Datasheet HTML 3Page - Texas Instruments SLUS774 Datasheet HTML 4Page - Texas Instruments SLUS774 Datasheet HTML 5Page - Texas Instruments SLUS774 Datasheet HTML 6Page - Texas Instruments SLUS774 Datasheet HTML 7Page - Texas Instruments SLUS774 Datasheet HTML 8Page - Texas Instruments SLUS774 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
DEVICE NUMBER
OPERATING FREQUENCY (kHz)
PACKAGE
MEDIA
UNITS (Pieces)
TPS55383PWP
Tube
90
300
TPS55383PWPR
Tape and Reel
2000
Plastic 16-Pin HTSSOP
TPS55386PWP
Tube
90
600
TPS55386PWPR
Tape and Reel
2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
VALUE
UNIT
PVDD1, PVDD2, EN1, EN2
30
BOOT1, BOOT2
VSW+ 7
SW1, SW2
–2 to 30
SW1, SW2 transient (< 50ns)
–3 to 31
Input voltage range
V
BP
6.5
SEQ, ILIM2
–0.3 to 6.5
COMP1, COMP2
–0.3 to 3.5
FB1, FB2
–0.3 to 3
SW1, SW2 output current
7
A
BP load current
35
mA
Tstg
Storage temperature
–55 to +165
TJ
Operating temperature
–40 to +150
°C
Soldering temperature
+260
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be limited to the
Recommended DC Operating Conditions detailed in this data sheet. Exposure to conditions beyond the operational limits for extended
periods of time may affect device reliability.
MIN
MAX
UNIT
VPVDD2
Input voltage
4.5
28
V
Operating junction
TJ
–40
+125
°C
temperature
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com