Electronic Components Datasheet Search
  English  ▼

X  

SLUS774 Datasheet(PDF) 8 Page - Texas Instruments

Part # SLUS774
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUS774 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLUS774 Datasheet HTML 4Page - Texas Instruments SLUS774 Datasheet HTML 5Page - Texas Instruments SLUS774 Datasheet HTML 6Page - Texas Instruments SLUS774 Datasheet HTML 7Page - Texas Instruments SLUS774 Datasheet HTML 8Page - Texas Instruments SLUS774 Datasheet HTML 9Page - Texas Instruments SLUS774 Datasheet HTML 10Page - Texas Instruments SLUS774 Datasheet HTML 11Page - Texas Instruments SLUS774 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
4.8
4.6
4.4
4.2
4.0
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
V
PVDD
=
24V
V
PVDD
=
5V
V
PVDD
=
12V
788
793
798
803
808
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
2.6
2.8
3.0
3.2
3.4
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
V
PVDDx
24V
=
V
PVDDx
12V
=
V
PVDDx
5V
=
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
V
PVDDx
=
24V
V
PVDDx
=
12V
V
PVDDx
=
5V
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
FEEDBACK VOLTAGE
OVERCURRENT LIMIT (CH1, CH2 HIGH LEVEL)
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
OVERCURRENT LIMIT (CH2 MID LEVEL)
OVERCURRENT LIMIT (CH2 LOW LEVEL)
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com