Electronic Components Datasheet Search
  English  ▼

X  

DS90CF363 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF363
Description  3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CF363 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics (Continued)
Note 2: Typical values are given for VCC = 3.3V and TA = +25C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise speci-
fied (except VOD and ∆V OD).
Note 4: VOS previously referred as VCM.
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time
(Figure 3 )
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time
(Figure 3 )
0.75
1.5
ns
TCIT
TxCLK IN Transition Time
(Figure 4 )
5ns
TCCS
TxOUT Channel-to-Channel Skew
(Figure 5 )
250
ps
TPPos0
Transmitter Output Pulse Position for Bit 0
(Figure 12)
f = 65 MHz
−0.4
0
0.3
ps
TPPos1
Transmitter Output Pulse Position for Bit 1
1.8
2.2
2.5
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.0
4.4
4.7
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.2
6.6
6.9
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.4
8.8
9.1
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.6
11.0
11.3
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.8
13.2
13.5
ns
TCIP
TxCLK IN Period
(Figure 6)
15
T
50
ns
TCIH
TxCLK IN High Time
(Figure 6)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time
(Figure 6)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN
(Figure 6)
f = 65 MHz
2.5
ns
THTC
TxIN Hold to TxCLK IN
(Figure 6)
0ns
TCCD
TxCLK IN to TxCLK OUT Delay 25˚C, V
CC = 3.3V (Figure 7 )
3
5.5
ns
TPLLS
Transmitter Phase Lock Loop Set
(Figure 8 )
10
ms
TPDD
Transmitter Power Down Delay
(Figure 11)
100
ns
AC Timing Diagrams
DS100032-4
FIGURE 1. “Worst Case” Test Pattern
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com