Electronic Components Datasheet Search
  English  ▼

X  

DS90CF363 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF363
Description  3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CF363 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS90CF363
+3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD)
Link— 65 MHz
General Description
The DS90CF363 transmitter converts 21 bits of CMOS/TTL
data into three LVDS (Low Voltage Differential Signaling)
data streams. A phase-locked transmit clock is transmitted in
parallel with the data streams over a fourth LVDS link. Every
cycle of the transmit clock 21 bits of input data are sampled
and transmitted. At a transmit clock frequency of 65 MHz, 18
bits of RGB data and 3 bits of LCD timing and control data
(FPLINE, FPFRAME, DRDY) are transmitted at a rate of 455
Mbps per LVDS data channel. Using a 65 MHz clock, the
data throughputs is 170 Mbytes/sec.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n 20 to 65 MHz shift clock support
n Single 3.3V supply
n Chipset (Tx + Rx) power consumption < 250 mW (typ)
n Power-down mode (< 0.5 mW total)
n Single pixel per clock XGA (1024x768) ready
n Supports VGA, SVGA, XGA and higher addressability.
n Up to 170 Megabytes/sec bandwidth
n Up to 1.3 Gbps throughput
n Narrow bus reduces cable size and cost
n 290 mV swing LVDS devices for low EMI
n PLL requires no external components
n Low profile 48-lead TSSOP package
n Falling edge data strobe Transmitter
n Compatible with TIA/EIA-644 LVDS standard
n ESD rating > 7kV
n Operating Temperature: −40˚C to +85˚C
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS90CF363
DS100032-1
Order Number DS90CF363MTD
See NS Package Number MTD48
January 2000
© 2000 National Semiconductor Corporation
DS100032
www.national.com


Similar Part No. - DS90CF363

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF363A NSC-DS90CF363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363AMTD NSC-DS90CF363AMTD Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
logo
Texas Instruments
DS90CF363B TI1-DS90CF363B Datasheet
900Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90CF363

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383 NSC-DS90CF383 Datasheet
217Kb / 9P
3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF383 TI1-DS90CF383_11 Datasheet
262Kb / 11P
3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com