Electronic Components Datasheet Search
  English  ▼

X  

8148 Datasheet(PDF) 1 Page - Bi technologies

Part # 8148
Description  Precision Potentiometer / Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8148 Datasheet(HTML) 1 Page - Bi technologies

  8148 Datasheet HTML 1Page - Bi technologies 8148 Datasheet HTML 2Page - Bi technologies 8148 Datasheet HTML 3Page - Bi technologies 8148 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
7/8” Diameter
10 Turn* Hybrid
Precision Potentiometer / Position Sensor
Model 8140 Series
Total Mechanical Travel
3600° +15° -0°
Number of Gangs
2 maximum
Weight (single gang)
0.75 oz. nominal
Backlash
1° maximum
8141, 8144, 8146, 8148
8143
Static Stop Strength
maximum
48 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque
maximum
25 lb.-in.
n/a
Shaft End Play
maximum
0.010”
0.005”
Shaft Runout
maximum T.I.R.
0.003”
0.002”
Pilot Diameter Runout
maximum T.I.R.
0.004”
0.002”
Lateral Runout
maximum T.I.R.
0.005”
0.004”
Shaft Radial Play
maximum
0.003”
0.002”
Start/Run Torque (per gang, ES option adds 0.5 oz.-in.)
maximum
0.8 oz.-in.
0.6 oz.-in.
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
3
Measured with 10 VDC CW to CCW and slider at 50% of electrical travel.
* Model available in 3 & 5 turn versions.
Resistance Range
1K to 100K ohms
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity2
±0.25%
Minimum Practical Independent Linearity
±0.15%
Power Rating
2.0 Watts at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Output Smoothness
0.05% maximum <= 5 Kohms, 0.03% maximum above 5 Kohms
Actual Electrical Travel
3600° nominal
End Voltage
maximum 0.2% of input voltage
Tap Tolerance (voltage tap only)
± 0.05% of input voltage
Resolution
essentially infinite
Temperature Coefficient of Resistance
± 50 ppm/°C typical
Temperature Coefficient of Output Voltage3
±10 ppm/°C typical
November 13 2015
Model 8140 page 1 of 4
8141
1/8” Shaft, 1/4” Bushing
8143
1/8” Shaft, Servo
8144
6 mm Shaft, 3/8” Bushing
8146
1/4” Shaft, 3/8” Bushing
8148 (for heavy side load applications)
1/4” Shaft, 3/8” Bushing
MODEL STYLES AVAILABLE
RoHS 2
compliant
Pb


Similar Part No. - 8148

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8148 BELDEN-8148 Datasheet
172Kb / 2P
RS232/485 Low Cap, #28-18pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
logo
Keystone Electronics Co...
8148 KEYSTONE-8148 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
SNA Europe
8148 LINDSTROM-8148 Datasheet
777Kb / 2P
Ultra-Flush® Precision Cut Diagonal Cutter with Tapered & Relieved Head & ESD Safe Handle 0.1-0.8 mm
logo
Unisonic Technologies
8148-AB3-D-B UTC-8148-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8148-AB3-D-K UTC-8148-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8148

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7216 BITECH-7216 Datasheet
81Kb / 5P
Precision Potentiometer/ Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
Precision Potentiometer / Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
Precision Potentiometer / Position Sensor
6173 BITECH-6173 Datasheet
189Kb / 3P
Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
Precision Potentiometer Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
Precision Potentiometer / Position Sensor
405 BITECH-405 Datasheet
330Kb / 3P
Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com