Electronic Components Datasheet Search
  English  ▼

X  

8148 Datasheet(PDF) 2 Page - Bi technologies

Part # 8148
Description  Precision Potentiometer / Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8148 Datasheet(HTML) 2 Page - Bi technologies

  8148 Datasheet HTML 1Page - Bi technologies 8148 Datasheet HTML 2Page - Bi technologies 8148 Datasheet HTML 3Page - Bi technologies 8148 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 13 2015
Model 8140 page 2 of 4
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Temperature Cycling
5 cycles, -40°C to +125°C, maximum 5% ΔR
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
15 G’s, 10 to 2,000 Hz, maximum 5% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
Five 24 hour cycles, maximum 5% ΔR
High Temperature Exposure
1,000 hours at 125°C, maximum 5% ΔR
Rotational Load Life (1 lb side load for 8148) 5 million shaft revolutions + 900 hours at 2.0 Watts & 70°C, maximum 5% ΔR
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
8146 R 10K T5 L.25 xx
FEATURE CODES
Model 8140 series
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
1K
2K
5K
10K
20K
50K
100K
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft (standard on single gang 8146 without RS feature)
SS
Rear Shaft Extension (8143, 8146 single cup only)
RS
Shaft Lock (8146 only)
SL
High Torque 2-6 oz.-in. (8146 only)
HT
Additional Gang
2G
Gold Plated Solder Lug Terminals (see optional terminal configuration)
FT
Seal (IP66) 8144, 8146, or 8148 only
ES
When multiple Feature codes
are used the P/N shall be in
the same sequence as listed in
this table (top to bottom).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com