Electronic Components Datasheet Search
  English  ▼

X  

6124 Datasheet(PDF) 1 Page - Bi technologies

Part # 6124
Description  Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6124 Datasheet(HTML) 1 Page - Bi technologies

  6124 Datasheet HTML 1Page - Bi technologies 6124 Datasheet HTML 2Page - Bi technologies 6124 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Position Sensor
7/8” Diameter
Non-Contacting Hall Effect
Single Turn
Model 6120
6121
1/8” Shaft, 1/4” Bushing
6124
6 mm Shaft, 3/8” Bushing
6126
1/8” Shaft, 3/8” Bushing
6127
1/4” Shaft, 3/8” Bushing
612x-XXXX
Custom models are available; Contact Customer Service for special features
Total Mechanical Travel
360° Continuous (320° with stop feature)
Bearing
Bearing Bronze Bushing
Weight
0.6 oz. Typical
Static Stop Strength
40 in. oz.
Panel Nut Tightening Torque
25 in. lb. Max.
Rotational Speed
500 RPM Max.
MODEL STYLES AVAILABLE
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
February 19, 2015
Model 6120 page 1 of 3
Output Voltage
0.2 Vdc (4%) to 4.8 Vdc (96%) Typical (see Feature Codes table)
Output Overvoltage Limits
10 Vdc to -0.3 Vdc; output may be shorted to ground or supply without damage
Output Current
±8 mA Max.
Output Load
1 kΩ Min., 10 kΩ Typical
Operating Input Voltage Range
4.5 to 5.5 Vdc
Supply Voltage Absolute Limits
20 Vdc Max., -10 Vdc Min.
Independent Linearity2
±0.5% (0.25% Available)
Hysteresis
0.2% Max.
Resolution
0.088° for 360° travel, 0.011° for 45° travel
Supply Current
8.5 mA Typical, 12 mA Max.
Dielectric Strength
750 V rms
Insulation Resistance
1,000 MegΩ Min.
Electrostatic Discharge (ESD)
Passes 2 kV human body model and 15 kV air discharge
Bulk Current Injection (BCI)
Passes 2-500 MHz at 200 mA
Actual Electrical Travel
360° Typical (see Ordering Information)
Temperature Coefficient of Output Voltage
± 20 ppm/°C
RoHS 2
compliant
Pb


Similar Part No. - 6124

ManufacturerPart #DatasheetDescription
logo
Heyco.
6124 HEYCO-6124 Datasheet
149Kb / 1P
Turn-2-Lock Cordset Contacts
logo
Theben AG
6124100 THEBEN-6124100 Datasheet
697Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
Belden Inc.
61246 BELDEN-61246 Datasheet
500Kb / 3P
M23 Power Single-Ended Cordset: Female, angled, 19-pin(18PE), black body, 120 V AC/DC, 16x8 A 2x10 A ; PUR black cable, 16x0.5 mm² 3x1.0 mm²
61247 BELDEN-61247 Datasheet
500Kb / 3P
M23 Power Single-Ended Cordset: Female, angled, 19-pin(18PE), black body, 120 V AC/DC, 16x8 A 2x10 A ; PUR black cable, 16x0.5 mm² 3x1.0 mm²
61249 BELDEN-61249 Datasheet
500Kb / 3P
M23 Power Single-Ended Cordset: Female, angled, 19-pin(18PE), black body, 120 V AC/DC, 16x8 A 2x10 A ; PUR black cable, 16x0.5 mm² 3x1.0 mm²
More results

Similar Description - 6124

ManufacturerPart #DatasheetDescription
logo
Bi technologies
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
Position sensor
2393550 FESTO-2393550 Datasheet
113Kb / 2P
Position sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com