Electronic Components Datasheet Search
  English  ▼

X  

6124 Datasheet(PDF) 2 Page - Bi technologies

Part # 6124
Description  Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6124 Datasheet(HTML) 2 Page - Bi technologies

  6124 Datasheet HTML 1Page - Bi technologies 6124 Datasheet HTML 2Page - Bi technologies 6124 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Operating Temperature Range
-40°C to +125°C
Shock
Per MIL R-39023, 6 ms Saw-tooth 100 G’s
Vibration
Per MIL R-39023, 10 G’s, 100 to 500 Hz
Moisture Resistance, Powered
Per MIL 202G, Method 106G
Rotational Life
10 million shaft revolutions with up to 8 oz sideload
Storage Temperature Range
-55°C to +125°C
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL
ORDERING INFORMATION
Model Series
Voltage Output Code (see table)
Electrical Angle (35 to 360 degrees,
smaller angles are possible, consult factory)
Optional Feature Code
(see table)
Linearity, Independent
6127 V1 A360 L.5 XX
FEATURE CODES
Model 6120
Voltage Output Codes
V0
≤ 3% to ≥ 96%
V1
4% to 96%
V2
5% to 95%
V3
10% to 90%
V4
15% to 85%
V5
20% to 80%
Optional Feature Codes
ST
Stop (320°)
FS
Flatted Shaft (slot standard)
LT
Linearity Data
SL
Shaft Lock 6127 only
CW
Reverse Direction
ES
Seal (IP66) 6124 or 6127 only
February 19, 2015
Model 6120 page 2 of 3
When V0 is used the angle specified is the
theoretical angle over which the output
would vary if the output could actually reach
0% and 100% of Vcc.
When multiple Optional Feature codes are used
the P/N shall be in the same sequence as listed
in this table (top to bottom).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com