Electronic Components Datasheet Search
  English  ▼

X  

5713 Datasheet(PDF) 1 Page - Bi technologies

Part # 5713
Description  Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5713 Datasheet(HTML) 1 Page - Bi technologies

  5713 Datasheet HTML 1Page - Bi technologies 5713 Datasheet HTML 2Page - Bi technologies 5713 Datasheet HTML 3Page - Bi technologies 5713 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2-55
Model 5710 Series
MODEL SERIES 5710
3” Diameter
Single Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
25 to 145K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
±0.5%
Minimum Practical Independent Linearity
±0.5%, <75 Ohms
±0.25%, 75-249 Ohms
±0.15%, 250-6,999 Ohms
±0.075%,
≥7K Ohms
Power Rating, Watts
5.0 at 40°C derating to 0 at 105°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
358° ±1°
Tap Tolerance
±1°
End Voltage, Maximum
Within Std. Linearity Tolerance
ENVIRONMENTAL (MIL-R-12934)
MODEL STYLES
5711
1/4" Shaft, 1/2" Bushing
5713
1/4" Shaft, Servo
Operating Temperature Range
Static: –65°C to +105°C
Dynamic: -40°C to +125°C
Temperature Cycling
5 cycles, –65°C to +105°C
Shock, 6ms Half Sine
100G’s
Vibration
5G’s, 10 to 500 Hz
Moisture
Ten 24 hour cycles
High Temperature Exposure
1,000 hours at 105°C
Rotational Life
1 Mil. Shaft Rev.
Rotational Load Life
1 mil. shaft rev. plus 900 hrs. at rated wattage at 40°C
Specifications subject to change without notice.


Similar Part No. - 5713

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Bi technologies
5713 BITECH-5713 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bourns Electronic Solut...
5713-RC BOURNS-5713-RC Datasheet
474Kb / 1P
High Current Toroid Inductors
logo
Molex Electronics Ltd.
57130 MOLEX-57130 Datasheet
48Kb / 3P
Sealing Cap Attachment Tool
Jun 24, 2025
57130-6000 MOLEX-57130-6000 Datasheet
216Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results

Similar Description - 5713

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com