Electronic Components Datasheet Search
  English  ▼

X  

5713 Datasheet(PDF) 2 Page - Bi technologies

Part # 5713
Description  Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5713 Datasheet(HTML) 2 Page - Bi technologies

  5713 Datasheet HTML 1Page - Bi technologies 5713 Datasheet HTML 2Page - Bi technologies 5713 Datasheet HTML 3Page - Bi technologies 5713 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
1K
0.062
±130 ppm/°C
2K
0.050
±130 ppm/°C
5K
0.038
±130 ppm/°C
10K
0.031
±130 ppm/°C
20K
0.027
±130 ppm/°C
50K
0.024
± 20 ppm/°C
100K
0.022
± 20 ppm/°C
2-56
Model 5710 Series
MECHANICAL
Total Mechanical Travel
360° Continuous
Number of Cups, Maximum
4
Weight, Nominal
5.8 oz. Single Cup
1.3 oz. Each Added Cup
Backlash, Maximum
1°
Shaft End Play, Maximum
.005”
5711
5713
Shaft Runout, T.I.R., Maximum
.0005”
.001”
Pilot Diameter Runout, T.I.R., Maximum
.002”
.0015”
Lateral Runout, T.I.R., Maximum
.004”
.101”
Shaft Radial Play, Maximum
.004”
.002”
Starting Torque, Maximum
1.5 oz.-in.
1.3 oz.-in.
Running Torque, Maximum
1.2 oz.-in.
0.7 oz.-in.
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com