Electronic Components Datasheet Search
  English  ▼

X  

2126 Datasheet(PDF) 1 Page - Bi technologies

Part # 2126
Description  Digital Turns Counting Dial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

2126 Datasheet(HTML) 1 Page - Bi technologies

  2126 Datasheet HTML 1Page - Bi technologies 2126 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-6
Model 2126
MODEL 2126
1” Diameter
Digital
Turns Counting Dial
MODEL
2126
2126M (METRIC)
Counting Capacity, Maximum Turns
10
For Shaft Diameter
1/4”
6.00mm
For Bushing Diameter
3/8”
Depth: Maximum, From Face of Panel
.65”/16.5mm
Shaft Extension:
Maximum, From Face of Panel
.65”/16.5mm
Minimum, From Face of Panel
.43”/11.0mm
Bushing Extension:
Maximum, From Face of Panel
.16”/4.1mm
Minimum, From Face of Panel
.11”/2.8mm
Locking Mechanism
Locking Brake
Weight, Approximate
0.76 oz.
Numerals
0.09” High, White on Black Background
# of Digits
3
Knob Material
Polycarbonate, Black
Specifications subject to change without notice.


Similar Part No. - 2126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2126 ETC2-2126 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2126 ETC2-2126 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
TT Electronics.
2126 TTELEC-2126 Datasheet
402Kb / 1P
Turn Counting Dial
logo
Heyco.
2126 HEYCO-2126 Datasheet
133Kb / 1P
Snap Bushings
2126 HEYCO-2126 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
More results

Similar Description - 2126

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
Turns-Counting Dial
H-506 BOURNS-H-506 Datasheet
28Kb / 1P
Turns-Counting Dial
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
Turns-Counting Dial
H-22 BOURNS-H-22_10 Datasheet
161Kb / 1P
Turns-Counting Dial
H-46 BOURNS-H-46_09 Datasheet
154Kb / 1P
Turns-Counting Dial
H-490 BOURNS-H-490_04 Datasheet
31Kb / 1P
Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
Turns-Counting Dial
H-516 BOURNS-H-516 Datasheet
180Kb / 1P
Turns-Counting Dial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com