Electronic Components Datasheet Search
  English  ▼

X  

2126 Datasheet(PDF) 2 Page - Bi technologies

Part # 2126
Description  Digital Turns Counting Dial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

2126 Datasheet(HTML) 2 Page - Bi technologies

  2126 Datasheet HTML 1Page - Bi technologies 2126 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-7
Model 2126
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;
;
.79
20
.12
3
.08
2
Anti-Rotation Pin
Dia.
1.04
Dia.
M28x1
.79
20
Dia.
"D"
.43
11
.69
1.75
1.3
33
.83
21
Dia.
Dia.
Dia.
.91
23
1.18
30
"D" = .250 inches (Model 2126)
"D" = 6.00mm (Model 2126M)
Panel Hole Dimensions
1.12
28.5
Dia.
OUTLINE DIMENSIONS (Inch/mm)
mm
INCH
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com