Electronic Components Datasheet Search
  English  ▼

X  

GS2964 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS2964 Datasheet HTML 9Page - Semtech Corporation GS2964 Datasheet HTML 10Page - Semtech Corporation GS2964 Datasheet HTML 11Page - Semtech Corporation GS2964 Datasheet HTML 12Page - Semtech Corporation GS2964 Datasheet HTML 13Page - Semtech Corporation GS2964 Datasheet HTML 14Page - Semtech Corporation GS2964 Datasheet HTML 15Page - Semtech Corporation GS2964 Datasheet HTML 16Page - Semtech Corporation GS2964 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
14 of 17
6. Package & Ordering Information
6.1 Package Dimensions
6.2 Packaging Data
4.00+/-0.05
B
2X
2X
0.15
0.15
C
C
0.10 C
16X
0.08 C
SEATING PLANE
0.65/2
0.65
DETAIL B
SCALE:NTS
DATUM A OR B
TERMINAL TIP
DATUM B
DETAIL B
0.65
16X
0.35+/-0.05
0.10
0.05
C
A B
C
DATUM A
2.76+/-0.10
DETAIL B
CENTER TAB
PIN 1 AREA
A
C
PIN #1
IDENTIFICATION
Φ0.4500
Parameter
Value
Package Type
4mm x 4mm 16-pin QFN
Package Drawing Reference
JEDEC M0220
Moisture Sensitivity Level
3
Junction to Case Thermal Resistance, θj-c
31.0°C/W
Junction to Air Thermal Resistance, θj-a (at zero airflow)
43.8°C/W
Psi, ψ
11.0°C/W
Pb-free and RoHS compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com