Electronic Components Datasheet Search
  English  ▼

X  

GS4915 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS4915
Description  ClockCleaner?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4915 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS4915 Datasheet HTML 9Page - Semtech Corporation GS4915 Datasheet HTML 10Page - Semtech Corporation GS4915 Datasheet HTML 11Page - Semtech Corporation GS4915 Datasheet HTML 12Page - Semtech Corporation GS4915 Datasheet HTML 13Page - Semtech Corporation GS4915 Datasheet HTML 14Page - Semtech Corporation GS4915 Datasheet HTML 15Page - Semtech Corporation GS4915 Datasheet HTML 16Page - Semtech Corporation GS4915 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
13 of 27
3.2.1 Differential Clock Input
A differential LVDS clock signal conforming to the TIA/EIA-644-A standard may be
AC-coupled to the CLKIN and CLKIN pins.
If the GS4911B/10B/01B/00B is used, the PCLK3 and PCLK3 outputs from that device
may be directly connected to the CLKIN and CLKIN inputs of the GS4915, respectively.
The CLKIN and CLKIN input traces should be tightly-coupled with a controlled
differential impedance of 100Ω. The pair should be terminated with 100Ω at the input
to the device as no internal termination is provided.
This input clock is selected as the one to be cleaned by the GS4915 when the IPSEL pin
is set LOW.
The clock can be DC coupled if the levels are appropriate, but only AC coupling is
recommended. These inputs are both LVDS and CML compatible, and AC coupling is
only required in cases where the common mode does not line up.
3.2.2 Single-Ended Clock Input
A single-ended clock signal at from 1.8V - 3.3V CMOS levels may be DC-coupled to the
CLKIN_SE pin.
If the GS4911B/10B/01B/00B is used, the PCLK1 or PCLK2 output from that device may
be directly connected to the CLKIN_SE input of the GS4915.
3.2.3 Input Clock Selection
An internal 2x1 input multiplexer is provided to allow switching between the
differential and single-ended clock inputs using one external pin. When IPSEL is set
LOW, the differential clock at the CLKIN/CLKIN pins is selected as the one to be
processed by the device. When IPSEL is set HIGH, the single-ended clock at the
CLKIN_SE pin is selected as the one to be processed.
3.2.4 Unused Clock Inputs
If the application will only provide a differential clock input, then the CLKIN_SE input
pin should be connected to AGND.
If only a single-ended clock will be provided, then the CLKIN/CLKIN pins should be left
unconnected.
3.3 Clock Cleaning PLL
To obtain a low-jitter output clock signal, the GS4915 uses a clock cleaning phase-locked
loop. This block will always attempt to lock an external 1.485GHz VCO signal to the
selected input clock. Internal dividers, set by the digital control block based on the
frequency mode of the device (see Section 3.4.1), are used to obtain the final output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com