Electronic Components Datasheet Search
  English  ▼

X  

AP3301 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3301
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3301 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3301 Datasheet HTML 6Page - Diodes Incorporated AP3301 Datasheet HTML 7Page - Diodes Incorporated AP3301 Datasheet HTML 8Page - Diodes Incorporated AP3301 Datasheet HTML 9Page - Diodes Incorporated AP3301 Datasheet HTML 10Page - Diodes Incorporated AP3301 Datasheet HTML 11Page - Diodes Incorporated AP3301 Datasheet HTML 12Page - Diodes Incorporated AP3301 Datasheet HTML 13Page - Diodes Incorporated AP3301 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP3301
Document number: DS38018 Rev. 4 - 2
10 of 16
www.diodes.com
June 2016
© Diodes Incorporated
AP3301
Operation Description (Cont.)
Multi-Mode Operation
The switching frequency curve in Figure 1 shows three operation modes.
Burst Mode
At no load and light load, the system will operate at burst mode. In burst mode, the switching frequency is fixed at about 22kHz to avoid
audible noise. When the FB voltage is lower than 1.55V, the controller will not provide driving signal and the FB voltage will rise above
1.65V, then the driving signal will resume. By this control strategy, the system will eliminate a bunch of pulses and the power loss is
reduced.
QR Mode
QR is the abbreviation of Quasi-Resonant which means that the power MOSFET is forced to turn on at valleys of VDS. With QR control, the
switching power loss will be reduced by lower voltage stress of MOSFET. The VDS valley is detected by DEM pin through the voltage
divider network of RDEM and RSOVP, once the divided voltage is less than 75mV during turning off internal of MOSFET, the counter in
AP3301 will count it as one valley. At light load and medium load, the system will enter QR mode. As the load changes, the trend of the
switching frequency in QR mode is modulated by AP3301 and following the internal arithmetic it is increased or decreased. In general when
the turning-on valley changes, the frequency will jump to a new value, this frequency jump transits quickly and the turning-on valley
changes between two neighboring valleys back and forth, this unstable condition introduces unacceptable audible noise. In benefit of
Diodes
proprietary “Valley Lock” technology, the turning on valley is locked and will not switch iteratively when the load is changed.
Meanwhile, the frequency dithering function is built in to reduce EMI emission. As Figure 2 shows, switching frequencies between the
power increase and power decrease line are a little different because of the inherent characteristic of valley-lock QR control, and it will
result in a tiny difference in efficiency. When the load increases, the switching frequency is also increased, a frequency of 120kHz is set to
clamp the maximum operating frequency, if this 120kHz is touched, the system will operate in normal DCM mode, and will return to QR if
the load continues to increase.
CCM Mode
With the load increases, if the switching frequency decreases below 62kHz in valley1 mode, CCM mode is implemented to achieve high
efficiency. Usually at low line voltage, the system will enter CCM mode at heavy load, while high line voltage the system may still operate at
QR mode with 1st or 2nd valley on.
Start-up Current and UVLO
The start-up current of AP3301 is optimized to realize ultra low current (1
A typical) so that VCC capacitor can be charged more quickly. The
direct benefit of low start-up current is the availability of using large start-up resistor, which minimizes the resistor power loss for high voltage AC
input.
An UVLO comparator is included in AP3301 to detect the voltage on VCC pin. It ensures that AP3301 can draw adequate energy from hold-up
capacitor during power-on. The turn-on threshold is 15.8V and the turn-off threshold is 7.6V.
Current Sense Comparator and PWM Latch
The AP3301 operates as a current mode controller, the output switch conduction is initiated by every oscillator cycle and is terminated when the
peak inductor current reaches the threshold level established by the FB pin. The inductor current signal is converted to a voltage signal by
inserting a reference sense resistor RS. The inductor current under normal operating conditions is controlled by the voltage at FB pin. The
relation between peak inductor current (IPK) and VFB is:
S
FB
PK
R
V
I
3
/
)
0
.
1
(
Moreover, FOCP with 1.8V threshold is only about tDELAY-FOCP delay, which can avoid some catastrophic damages such as secondary rectifier
short test. Few drive cycles can alleviate the destruction range and get better protection.
Leading-edge Blanking
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turned on. A tLEB time leading-
edge blank is built-in to prevent the false-triggering caused by the turn-on spike. During this period, the current limit comparator is disabled and
the gate driver cannot be switched off.
At the time of turning off the MOSFET, a negative undershoot (maybe larger than -0.3V) can occur on the SENSE pin. So it is strongly
recommended to add a small RC filter or at least connect a resistor “R” on this pin to protect the IC (Shown as Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com