Electronic Components Datasheet Search
  English  ▼

X  

AP3301 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3301
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3301 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3301 Datasheet HTML 8Page - Diodes Incorporated AP3301 Datasheet HTML 9Page - Diodes Incorporated AP3301 Datasheet HTML 10Page - Diodes Incorporated AP3301 Datasheet HTML 11Page - Diodes Incorporated AP3301 Datasheet HTML 12Page - Diodes Incorporated AP3301 Datasheet HTML 13Page - Diodes Incorporated AP3301 Datasheet HTML 14Page - Diodes Incorporated AP3301 Datasheet HTML 15Page - Diodes Incorporated AP3301 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP3301
Document number: DS38018 Rev. 4 - 2
12 of 16
www.diodes.com
June 2016
© Diodes Incorporated
AP3301
Operation Description (Cont.)
Figure 3
SOVP Protection Function
For some applications, the system requires the output over voltage protection function. The DEM pin compares the divided voltage from the VCC
winding with the inner threshold, when the voltage between RDEM and RSOVP is higher than VTH-SOVP during primary power MOSFET turning off
duration, AP3301 will trigger SOVP function and the system will enter the latch
protection mode. Since the value of VCC winding’s waveform
reflects the output voltage precisely, the Secondary Output Voltage Protection (SOVP) can be achieved by this function.
Other System Protection and Pin Fault Protection
The AP3301 provides versatile system and pin fault protections. The OCP comparator realizes the cycle-by-cycle current limiting (OCP). In
universal input line voltage, the IC realizes the constant over load protection (OLP). VCC over voltage protection can be applied as the primary
OVP or opto-coupler broken protection. The AP3301 also has pin fault connection protection including floating and short connection. The floating
pin protection includes the SENSE, FB, etc. The short pin protection includes the DEM pin short protection. When these pins are floated or DEM
pin is shorted to ground, PWM switching will be disabled, thus protecting the power system.
Internal OTP Protection Function
The AP3301 integrates an internal temperature sensor. It has a trigger window of entering OTP mode at +150°C and exiting at +125°C. The
internal OTP protection mode is auto-recovery mode.
DEM
3
Line Voltage
Detector
Auxiliary
4
RDEM
RSOVP
RBNO
ROPP
OCP
VREF1
BNO
VREF_H
VREF_L
21
1
1
:
HV
Gate
RS
RF
CF
SENSE
Inside AP3301
IBNI/IBNO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com