Electronic Components Datasheet Search
  English  ▼

X  

AP3983C Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3983C
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983C Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3983C Datasheet HTML 2Page - Diodes Incorporated AP3983C Datasheet HTML 3Page - Diodes Incorporated AP3983C Datasheet HTML 4Page - Diodes Incorporated AP3983C Datasheet HTML 5Page - Diodes Incorporated AP3983C Datasheet HTML 6Page - Diodes Incorporated AP3983C Datasheet HTML 7Page - Diodes Incorporated AP3983C Datasheet HTML 8Page - Diodes Incorporated AP3983C Datasheet HTML 9Page - Diodes Incorporated AP3983C Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
6 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
Operation Description
+
C1
+
CO
VO
D1
RFB1
RFB2
RCS
D
FB
CS
GND
AP3983B/C/D
NS
NAUX
NP
IOUT
VS
VAUX
VIN
LM
CPC
CCPC
Q1
VBULK
Figure 1. Simplified Flyback Converter Controlled by AP3983B/C/D
Constant Primary Peak Current
The primary iP(t) current is sensed by a current sense resistor RCS as shown in Figure 1.
The current rises up linearly at a rate of:
M
L
t
V
dt
t
di
)
(
)
(
BULK
P
……… (1)
iP(t)
0A
See equation 2
IPK
Figure 2. Primary Current Waveform
As illustrated in Figure 2, when the current iP(t) rises up to IPK, the switch Q1 turns off. The constant peak current is given by:
CS
CS
PK
R
V
I
………(2)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
G
2
1
PK
M
I
L
E
………(3)
So the power transferring from input to output is given by:
SW
PK
M
f
I
L
P
2
2
1
………(4)
Where fSW is the switching frequency. When the peak current IPK is constant, the output power depends on the switching frequency fSW.
Constant Voltage Operation
The AP3983B/C/D captures the auxiliary winding feedback voltage at FB pin and operates in constant-voltage (CV) mode to regulate the output
voltage. Assuming the secondary winding is master, the auxiliary winding is slave during the D1 on-time. The auxiliary voltage is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com