Electronic Components Datasheet Search
  English  ▼

X  

AP3983C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3983C
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983C Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3983C Datasheet HTML 1Page - Diodes Incorporated AP3983C Datasheet HTML 2Page - Diodes Incorporated AP3983C Datasheet HTML 3Page - Diodes Incorporated AP3983C Datasheet HTML 4Page - Diodes Incorporated AP3983C Datasheet HTML 5Page - Diodes Incorporated AP3983C Datasheet HTML 6Page - Diodes Incorporated AP3983C Datasheet HTML 7Page - Diodes Incorporated AP3983C Datasheet HTML 8Page - Diodes Incorporated AP3983C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
4 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 30
V
VCS, VCPC
Voltage on CS, CPC Pin
-0.3 to 7
V
VFB
FB Input Voltage
-0.3 to 8
V
BVDSS
Drain Voltage (TJ = +25°C)
700
V
ID
Drain Continuous Current (TJ = +25°C)
AP3983B
1
A
AP3983C
2
AP3983D
4
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
–
ESD (Machine Model)
200
V
–
ESD (Human Body Model)
2000
V
PD
Total Power Dissipation
AP3983B
0.7
W
AP3983C ( SO-7)
0.85
AP3983C (PDIP-7)
1.0
AP3983D
1.8
Note 5
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–
25
V
TOP
Operating Temperature Range
-40
+105
°C
fS(MAX)
Maximum Operating Frequency
–
80
kHz
Thermal Impedance (Note 6)
Symbol
Parameter
Value
Unit
θJA
Junction to Ambient
AP3983B
95
°C/W
AP3983C (SO-7)
85
AP3983C (PDIP-7)
70
AP3983D
40
θJC
Junction to Case
AP3983B
48
AP3983C (SO-7)
43
AP3983C (PDIP-7)
35
AP3983D
20
Note 6: When mounted a standard single-sided FR-4 board with 300mm
2 Cu (at least 35µm thick) connected to all collectors and CS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com