Electronic Components Datasheet Search
  English  ▼

X  

DGD21084 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD21084
Description  HALF BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21084 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD21084 Datasheet HTML 1Page - Diodes Incorporated DGD21084 Datasheet HTML 2Page - Diodes Incorporated DGD21084 Datasheet HTML 3Page - Diodes Incorporated DGD21084 Datasheet HTML 4Page - Diodes Incorporated DGD21084 Datasheet HTML 5Page - Diodes Incorporated DGD21084 Datasheet HTML 6Page - Diodes Incorporated DGD21084 Datasheet HTML 7Page - Diodes Incorporated DGD21084 Datasheet HTML 8Page - Diodes Incorporated DGD21084 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DGD21084
Document Number DS38342 Rev. 1 - 2
1 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DGD21084
HALF BRIDGE GATE DRIVER IN SO-14
Description
The DGD21084 is a high voltage / high speed gate driver capable of
driving N-Channel MOSFETs and IGBTs in a half bridge configuration.
High voltage processing techniques enable the DGD21084
’s high-side
to switch to 600V in a bootstrap operation.
The DGD21084 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) for easy interfacing with controlling
devices. The driver outputs feature high pulse current buffers
designed for minimum driver cross conduction. Programmable dead
time, by an external resistor, provides more system level flexibility.
The DGD21084 is offered in SO-14 (Type TH) package, the operating
temperature extends from -40°C to +125°C.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-side Driver in Bootstrap Operation to 600V
Drives Two N-Channel MOSFETs or IGBTs in a Half Bridge
Configuation
Outputs Tolerant to Negative Transients
Programmable Dead Time to Protect MOSFETs
Wide Logic and Low-side Gate Driver Supply Voltage: 10V to
20V
Wide Logic Supply Voltage Offset Voltage: -5V to 5V
Logic Inputs (HIN and LIN*) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull Down
Undervoltage Lockout For High and Low Side Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-14 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.142 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD21084S14-13
DGD21084
13
16
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-14 (Type TH)
Top View
Typical Configuration
DGD21084
YY WW
= Manufacturer’s marking
DGD21084 = Product Type Marking Code
YY
= Year (ex: 16 = 2016)
WW
= Week (01 to 53)


Similar Part No. - DGD21084

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2108 DIODES-DGD2108 Datasheet
719Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8 (TYPE TH)
Rev 4
DGD2108S8-13 DIODES-DGD2108S8-13 Datasheet
719Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8 (TYPE TH)
Rev 4
More results

Similar Description - DGD21084

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD21844 DIODES-DGD21844 Datasheet
777Kb / 12P
HALF- BRIDGE GATE DRIVER IN SO-14
Rev 1
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
DGD21844M DIODES-DGD21844M_V01 Datasheet
872Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-14
Rev. 3 - 2 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com