Electronic Components Datasheet Search
  English  ▼

X  

DGD21084 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD21084
Description  HALF BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21084 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD21084 Datasheet HTML 1Page - Diodes Incorporated DGD21084 Datasheet HTML 2Page - Diodes Incorporated DGD21084 Datasheet HTML 3Page - Diodes Incorporated DGD21084 Datasheet HTML 4Page - Diodes Incorporated DGD21084 Datasheet HTML 5Page - Diodes Incorporated DGD21084 Datasheet HTML 6Page - Diodes Incorporated DGD21084 Datasheet HTML 7Page - Diodes Incorporated DGD21084 Datasheet HTML 8Page - Diodes Incorporated DGD21084 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DGD21084
Document Number DS38342 Rev. 1 - 2
4 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DGD21084
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, VSS = COM, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.5
–
–
V
VCC = 10V to 20V
Logic “0” Input Voltage
VIL
–
–
0.6
V
VCC = 10V to 20V
High-level Output Voltage, VBIAS - VO
VOH
–
0.02
0.2
V
IO = 2mA
Low-level Output Voltage, VO
VOL
–
0.02
0.1
V
IO = 2mA
Offset Supply Leakage Current
ILK
–
–
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
20
75
130
µA
VIN = 0V or 5V
Quiescent VCC Supply Current
ICCQ
0.4
1.0
1.6
mA
VIN = 0V or 5V, RDT = 0W
Logic “1” Input Bias Current
IIN+
–
5
20
µA
HIN = 5V, LIN* = 0V
Logic “0” Input Bias Current
IIN-
–
–
5
µA
HIN = 0V, LIN* = 5V
VBS Supply Under-voltage Positive Going Threshold
VBSUV+
8.0
8.9
9.8
V
–
VBS Supply Under-voltage Negative Going
Threshold
VBSUV-
7.4
8.2
9.0
V
–
VCC Supply Under-voltage Positive Going Threshold
VCCUV+
8.0
8.9
9.8
V
–
VCC Supply Under-voltage Negative Going
Threshold
VCCUV-
7.4
8.2
9.0
V
–
Hysteresis
VCCUV+
0.3
0.7
–
V
–
VBSUV+
–
Output High Short Circuit Pulsed Current
IO+
120
200
–
mA
VO = 0V, PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
250
600
–
mA
VO = 15V, PW ≤ 10µs
Note:
7. The VIN and IIN parameters are referenced to VSS and are applicable to the two logic input pins: HIN and LIN*. The VO and IO parameters are referenced
to COM and are applicable to the respective output pins: HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on Propagation Delay
tON
–
220
300
ns
VS = 0V
Turn-off Propagation Delay
tOFF
–
200
280
ns
VS = 0V or 600V
Delay Matching, | tON - tOFF|
tDMON
–
0
30
ns
–
Turn-on Rise Time
tR
–
100
220
ns
VS = 0V
Turn-off Fall Time
tF
–
35
80
ns
VS = 0V
Deadtime: tDT LO-HO & tDT HO-LO
tDT
400
540
680
ns
RDT = 0W
4
5
6
us
RDT = 200KW (Note 8)
Deadtime Matching = tDT LO-HO - tDT HO-LO
tMDT
–
0
60
ns
RDT = 0W
–
0
600
ns
RDT = 200KW
Note:
8. Guaranted by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com