Electronic Components Datasheet Search
  English  ▼

X  

LNBH221 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH221
Description  DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH221 Datasheet HTML 4Page - STMicroelectronics LNBH221 Datasheet HTML 5Page - STMicroelectronics LNBH221 Datasheet HTML 6Page - STMicroelectronics LNBH221 Datasheet HTML 7Page - STMicroelectronics LNBH221 Datasheet HTML 8Page - STMicroelectronics LNBH221 Datasheet HTML 9Page - STMicroelectronics LNBH221 Datasheet HTML 10Page - STMicroelectronics LNBH221 Datasheet HTML 11Page - STMicroelectronics LNBH221 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LNBH221
8/18
TRANSMITTED DATA (I2C BUS WRITE MODE)
When the R/W bit in the chip address is set to 0, the main µP can write on the System Register (SR) of the
LNBH221 via I2C bus. Only 6 bits out of the 8 available can be written by the µP, since the remaining 2 are
left to the diagnostic flags, and are read-only.
X= don't care.
Values are typical unless otherwise specified
RECEIVED DATA (I2C bus READ MODE)
The LNBH221 can provide to the Master a copy of the SYSTEM REGISTER information via I2Cbus in
read mode. The read mode is Master activated by sending the chip address with R/W bit set to 1.
At the following master generated clocks bits, the LNBH221 issues a byte on the SDA data bus line (MSB
transmitted first).
At the ninth clock bit the MCU master can:
- acknowledge the reception, starting in this way the transmission of another byte from the LNBH221;
- no acknowledge, stopping the read mode communication.
While the whole register is read back by the µP, only the two read-only bits OLF and OTF convey
diagnostic informations about the LNBH221.
Values are typical unless otherwise specified
POWER-ON I2C INTERFACE RESET
The I2C interface built in the LNBH221 is automatically reset at power-on. As long as the VCC stays below
the UnderVoltage Lockout threshold (6.7V typ.), the interface will not respond to any I2C command and
the System Register (SR) is initialized to all zeroes, thus keeping the power blocks disabled. Once the
VCC rises above 7.3V typ, the I
2C interface becomes operative and the SR can be configured by the main
µP. This is due to 500mV of hysteresis provided in the UVL threshold to avoid false retriggering of the
Power-On reset circuit.
ADDRESS Pin
Connecting this pin to GND the Chip I2C interface address is 0001000, but, it is possible to choice among
4 different addresses simply setting this pin at 4 fixed voltage levels (see table on page 10).
PCL
TTX
TEN
LLC
VSEL
EN
OTF
OLF
Function
001
X
X
VOUT=13.25V, VUP=15.25V
011
X
X
VOUT=18V, VUP=20V
101
X
X
VOUT=14.25V, VUP=16.25V
111
X
X
VOUT=19.5V, VUP=21.5V
0
1
X
X
22KHz tone is controlled by DSQIN pin
1
1
X
X
22KHz tone is ON, DSQIN pin disabled
01
X
X
VORX output is ON, output voltage controlled by VSEL and
LLC
1X
1X
X
VOTX output is ON, 22KHz controlled by DSQIN or TEN,
output voltage level controlled by VSEL and LLC
0
1
X
X
Pulsed (dynamic) current limiting is selected
1
1
X
X
Static current limiting is selected
X
XXXX
0
X
X
Power blocks disabled
PCL
ISEL
TEN
LLC
VSEL
EN
OTF
OLF
Function
These bits are read exactly the same as
they were left after last write operation
0
TJ<140°C, normal operation
1
TJ>150°C, power block disabled
0
IOUT<IOMAX, normal operation
1
IOUT>IOMAX, overload protection triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com