Electronic Components Datasheet Search
  English  ▼

X  

LNBH221 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LNBH221
Description  DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Datasheet(HTML) 3 Page - STMicroelectronics

  LNBH221 Datasheet HTML 1Page - STMicroelectronics LNBH221 Datasheet HTML 2Page - STMicroelectronics LNBH221 Datasheet HTML 3Page - STMicroelectronics LNBH221 Datasheet HTML 4Page - STMicroelectronics LNBH221 Datasheet HTML 5Page - STMicroelectronics LNBH221 Datasheet HTML 6Page - STMicroelectronics LNBH221 Datasheet HTML 7Page - STMicroelectronics LNBH221 Datasheet HTML 8Page - STMicroelectronics LNBH221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LNBH221
3/18
TABLE A: PIN CONFIGURATIONS
SYMBOL
NAME
FUNCTION
PIN NUMBER
SECT:
AB
VCC
Supply Input
8V to 15V supply. A 220µF bypass capacitor to GND with a
470nF (ceramic) in parallel is recommended.
826
GATE
External Switch Gate
External MOS switch Gate connection of the step-up
converter.
725
SENSE
Current Sense (Input)
Current Sense comparator input. Connected to current
sensing resistor.
624
VUP
Step-up Voltage
Input of the linear post-regulator. The voltage on this pin is
monitored by the internal step-up controller to keep a
minimum dropout across the linear pass transistor.
927
VORX
Output Port during
22KHz Tone RX
RX Output to the LNB in DiSEqC 2.0 application. See truth
table for voltage selections and description on page 5.
28
10
SDA
Serial Data
Bidirectional data from/to I2C bus.
220
SCL
Serial Clock
Clock from I2Cbus.
321
DSQIN
DiSEqC Input
When the TEN bit of the System Register is LOW, this pin
will accept the DiSEqC code from the main
µcontroller.
Each section of the LNBH221 will use this code to
modulate the internally generated 22kHz carrier. Set to
GND this pin if not used.
422
DETIN
Detector In
22kHz Tone Detector Input. Must be AC coupled to the
DiSEqC bus.
35
17
DSQOUT DiSEqC Output
Open drain output of the Tone Detector to the main
µcontroller for DiSEqC data decoding. It is LOW when
tone is detected on the DETIN.
523
EXTM
External Modulation
External Modulation Input. Needs DC decoupling to the
AC source. If not used, can be left open.
31
13
GND
Ground
Circuit Ground. It is internally connected to the die frame
for heat dissipation.
1, 14, 18,
19, 32, 36
1, 14, 18,
19, 32, 36
BYP
Bypass Capacitor pin
Needed for internal pre regulator filtering.
34
16
VOTX
Output Port during
22KHz Tone TX
Output of the linear post regulator/modulator to the LNB.
See truth table for voltage selections.
30
12
GND
Ground
To be connected to ground.
29
11
ADDR
Address Setting
Four I2C bus addresses available by setting the Address
Pin level voltage.
33
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com