Electronic Components Datasheet Search
  English  ▼

X  

TPS62026DRCRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62026DRCRG4
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62026DRCRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62026DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
V
I = 3.6 V, VO = 1.8 V, IO = 600 mA, EN = VIN, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.5
6.0
V
I(Q)
Operating quiescent current
IO = 0 mA, device is not switching
18
35
µA
ISD
Shutdown supply current
EN = GND
0.1
1
µA
VUVLO
Under-voltage lockout threshold
1.5
2.3
V
ENABLE AND MODE
VEN
EN high level input voltage
1.4
V
VEN
EN low level input voltage
0.4
V
IEN
EN input bias current
EN = GND or VIN
0.01
1.0
µA
V(MODE)
MODE high level input voltage
1.4
V
V(MODE)
MODE low level input voltage
0.4
V
I(MODE)
MODE input bias current
MODE = GND or VIN
0.01
1.0
µA
POWER SWITCH
P-channel MOSFET on-resistance
VI = VGS = 3.6 V
115
210
m
Ω
rDS(ON)
P-channel MOSFET on-resistance
VI = VGS = 2.5 V
145
270
m
Ω
Ilkg(P)
P-channel leakage current
VDS = 6.0 V
1
µA
N-channel MOSFET on-resistance
VI = VGS = 3.6 V
85
200
m
Ω
rDS(ON)
N-channel MOSFET on-resistance
VI = VGS = 2.5 V
115
280
m
Ω
IIkg(N)
N-channel leakage current
VDS = 6.0 V
1
µA
IL
P-channel current limit
2.5 V < VI < 6.0 V
0.9
1.1
1.3
A
Thermal shutdown
150
°C
OSCILLATOR
VFB= 0.5 V
1
1.25
1.5
MHz
fS
Oscillator frequency
VFB = 0 V
625
kHz
OUTPUT
Adjustable output
TPS62020,
VO
0.7
VIN
V
voltage range
TPS62021
Vref
Reference voltage
0.5
V
TPS62020,
VI = 2.5 V to 6.0 V; IO = 0 mA
0%
3%
VFB
Feedback voltage
TPS62021
V
VI = 2.5 V to 6.0 V; 0 mA ≤ IO ≤ 600 mA
–3%
3%
Adjustable
VI = 3.6 V to 6.0 V; IO = 0 mA
0%
3%
VO
Fixed output voltage
TPS62026 3.3 V
V
VI = 3.6 V to 6.0 V; 0 mA ≤ IO ≤ 600 mA
–3%
3%
VI = VO + 0.5 V (min 2.5 V) to 6.0 V, IO = 10
Line regulation(1)
0
%/V
mA
Load regulation(1)
IO = 10 mA to 600 mA
0
%/mA
Leakage current into SW pin
VI > VO, 0 V≤ VSW ≤ VI
0.1
1
µA
IIkg(SW)
Reverse leakage current into pin SW
VI = open; EN = GND; VSW = 6.0 V
0.1
1
µA
f
Short circuit switching frequency
VFB = 0 V
625
kHz
(1)
The line and load regulations are digitally controlled to assure an output voltage accuracy of
±3%.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com