Electronic Components Datasheet Search
  English  ▼

X  

TPS62026DRCRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62026DRCRG4
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62026DRCRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62026DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 12Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 13Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 14Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 15Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 16Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
ADJUSTABLE OUTPUT VOLTAGE VERSION
V
O +
0.5 V
1 )
R1
R2
(3)
C1 +
1
2
p
10 kHz
R1
(4)
C2 +
R1
R2
C1
(5)
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
7
8
6
TPS62020
C3
22
µF
VI
2.5 V to 6 V
L1
6.2
µH
C4
22
µF
VO
1.8 V / 600 mA
R1
470 k
Ω
R2
180 k
Ω
C1
33 pF
C2
100 pF
Inductor Selection
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
When the adjustable output voltage version TPS6202x is used, the output voltage is set by the external resistor
divider. See Figure 15.
The output voltage is calculated as:
with R1 + R2
≤ 1 MΩ and internal reference voltage V
ref typical = 0.5 V
R1 + R2 should not be greater than 1 M
Ω because of stability reasons. To keep the operating quiescent current
to a minimum, the feedback resistor divider should have high impedance with R1+R2
≤1 MΩ. Due to this and the
low reference voltage of Vref = 0.5 V, the noise on the feedback pin (FB) needs to be minimized. Using a
capacitive divider C1 and C2 across the feedback resistors minimizes the noise at the feedback, without
degrading the line or load transient performance.
C1 and C2 should be selected as:
with:
• R1 = upper resistor of voltage divider
• C1 = upper capacitor of voltage divider
For C1 a value should be chosen that comes closest to the calculated result.
with:
• R2 = lower resistor of voltage divider
• C2 = lower capacitor of voltage divider
For C2, the selected capacitor value should always be selected larger than the calculated result. For example, in
Figure 15 for C2 100 pF are selected for a calculated result of C2 = 88.42 pF.
If quiescent current is not a key design parameter C1 and C2 can be omitted, and a low impedance feedback
divider has to be used with R1 + R2 < 100 k
Ω. This reduces the noise available on the feedback pin (FB) as well
but increases the overall quiescent current during operation. The higher the programmed output voltage the
lower the feedback impedance has to be for best operation when not using C1 and C2.
Figure 15. Adjustable Output Voltage Version
The TPS6202x uses typically a 10-µH output inductor. Larger or smaller inductor values can be used to optimize
the performance of the device for specific operation conditions. When changing inductor values, the product of
the inductor value times output-capacitor value (L
×C) should stay constant. For example, when reducing the
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com