Electronic Components Datasheet Search
  English  ▼

X  

TPS62097 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62097
Description  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62097 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62097 Datasheet HTML 9Page - Texas Instruments TPS62097 Datasheet HTML 10Page - Texas Instruments TPS62097 Datasheet HTML 11Page - Texas Instruments TPS62097 Datasheet HTML 12Page - Texas Instruments TPS62097 Datasheet HTML 13Page - Texas Instruments TPS62097 Datasheet HTML 14Page - Texas Instruments TPS62097 Datasheet HTML 15Page - Texas Instruments TPS62097 Datasheet HTML 16Page - Texas Instruments TPS62097 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
OUT
FB
R1
R1
V
= V
1 +
= 0.8 V
1 +
R2
R2
æ
ö
æ
ö
´
´
ç
÷
ç
÷
è
ø
è
ø
TPS62097
www.ti.com
SLVSCD6 – DECEMBER 2015
9.2.2 Detailed Design Procedure
9.2.2.1 Setting the Output Voltage
The output voltage is set by an external resistor divider according to the following equation:
(4)
R2 should not be higher than 20 k
Ω to reduce noise coupling into the FB pin and improve the output voltage
regulation. Figure 6 shows the external resistor divider value for 1.2-V output. Choose additional resistor values
for other outputs. A feed forward capacitor is not required.
The fixed output voltage versions, TPS6209718 and TPS6209733, do not need the external resistor divider. TI
recommends to connect the FB pin to AGND for improved thermal performance.
9.2.2.2 Output Filter Design
The inductor and the output capacitor together provide a low-pass filter. To simplify the selection process,
Table 4 outlines possible inductor and capacitor value combinations for most applications.
Table 4. Output Capacitor / Inductor Combinations
NOMINAL COUT [µF]
(2)
NOMINAL L [µH](1)
10
22
47
100
150
0.47
1
+(3)
+
+
+
2.2
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by +20% and
-30%. The required effective inductance is 500nH minimum.
(2)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by
20% and -50%.
(3)
Typical application configuration. Other '+' mark indicates recommended filter combinations. Other
values may be acceptable in applications but should be fully tested by the user. Refer to the
application note SLVA710.
9.2.2.3 Inductor Selection
The main parameters for the inductor selection are the inductor value and the saturation current. To calculate the
maximum inductor current under static load conditions, Equation 5 is given.
(5)
Where:
IOUT,MAX = Maximum output current
ΔIL = Inductor current ripple
fSW = Switching frequency
L = Inductor value
TI recommends to choose the saturation current for the inductor 20% to 30% higher than the IL,MAX, out of
Equation 5. A higher inductor value is also useful to lower ripple current but increases the transient response
time as well. The following inductors are recommended to be used in designs.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com