Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1707
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1707 Datasheet(HTML) 3 Page - Texas Instruments

  PLL1707 Datasheet HTML 1Page - Texas Instruments PLL1707 Datasheet HTML 2Page - Texas Instruments PLL1707 Datasheet HTML 3Page - Texas Instruments PLL1707 Datasheet HTML 4Page - Texas Instruments PLL1707 Datasheet HTML 5Page - Texas Instruments PLL1707 Datasheet HTML 6Page - Texas Instruments PLL1707 Datasheet HTML 7Page - Texas Instruments PLL1707 Datasheet HTML 8Page - Texas Instruments PLL1707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VDD1–VDD3 (= VDD) = VCC = 3.3 V, fM = 27 MHz, crystal oscillation, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic input
CMOS compatible
VIH (1)
Input logic level
0.7VDD
3.6
Vdc
VIL (1)
Input logic level
0.3 VDD
Vdc
IIH (1)
Input logic current
VIN = VDD
65
100
µA
IIL (1)
Input logic current
VIN = 0 V
±10
µA
Logic output
CMOS
VOH (2)
Output logic level
IOH = –4 mA
VDD – 0.4 V
Vdc
VOL (2)
Output logic level
IOL = 4 mA
0.4
Vdc
PLL1707
Standard fS
32
44.1
48
PLL1707
Double fS
64
88.2
96
Sampling frequency
Half fS
16
22.05
24
kHz
Sam ling frequency
PLL1708
Standard fS
32
44.1
48
kHz
PLL1708
Double fS
64
88.2
96
MASTER CLOCK (MCKO1, MCKO2) CHARACTERISTICS (fM = 27 MHz, C1 = C2 = 15 pF, CL = 20 pF on measurement pin)
Master clock frequency
26.73
27
27.27
MHz
VIH
Input level(3)
0.7 VCC
V
VIL
Input level(3)
0.3 VCC
V
IIH
Input current(3)
VIN = VCC
±10
µA
IIL
Input current(3)
VIN = 0 V
±10
µA
Output voltage (4)
3.5
Vp-p
Output rise time
20% to 80% of VDD
2.0
ns
Output fall time
80% to 20% of VDD
2.0
ns
Duty cycle
For crystal oscillation
45%
51%
55%
Duty cycle
For external clock
50%
Clock jitter (5)
50
ps
Power-up time (6)
0.5
1.5
ms
PLL AC CHARACTERISTICS (SCKO0–SCKO3) (fM = 27 MHz, CL = 20 pF on measurement pin)
SCKO0
Fixed
33.8688
SCKO1
PLL1707
Selectable for 48 kHz
24.576
36.864
SCKO2
PLL1707
256 fS
8.192
12.288
24.576
SCKO3
Output system clock
384 fS
12.288
18.432
36.864
MHz
SCKO0
Out ut system clock
frequency
Fixed
33.8688
MHz
SCKO1
qy
PLL1708
Selectable for 48 kHz
12.288
24.576
36.864
SCKO2
PLL1708
256 fS
4.096
12.288
24.576
SCKO3
384 fS
6.144
18.432
36.864
Output rise time
20% to 80% of VDD
2.0
ns
Output fall time
80% to 20% of VDD
2.0
ns
Output duty cycle
45
50
55
%
(1) Pins 5, 6, 7, 12: FS1/MD, FS2/MC, SR/MS, CSEL (Schmitt-trigger input with internal pulldown, 3.3-V tolerant)
(2) Pins 2, 3, 14, 15, 18, 19: SCKO2, SCKO3, MCKO1, MCKO2, SCKO0, SCKO1
(3) Pin 10: XT1
(4) Pin 11: XT2
(5) Jitter performance is specified as standard deviation of jitter for 27-MHz crystal oscillation and default SCKO frequency setting. Jitter
performance varies with master clock mode, SCKO frequency setting and load capacitance on each clock output.
(6) The delay time from power on to oscillation
(7) The settling time when the sampling frequency is changed
(8) The delay time from power on to lockup
(9) fM = 27-MHz crystal oscillation, no load on MCKO1, MCKO2, SCKO0, SCKO1, SCKO2, SCKO3. Power supply current varies with sampling
frequency selection and load condition.
(10) While all bits of CE[6:1] are 0, the PLL1708 goes into power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com