Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1707
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1707 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLL1707 Datasheet HTML 8Page - Texas Instruments PLL1707 Datasheet HTML 9Page - Texas Instruments PLL1707 Datasheet HTML 10Page - Texas Instruments PLL1707 Datasheet HTML 11Page - Texas Instruments PLL1707 Datasheet HTML 12Page - Texas Instruments PLL1707 Datasheet HTML 13Page - Texas Instruments PLL1707 Datasheet HTML 14Page - Texas Instruments PLL1707 Datasheet HTML 15Page - Texas Instruments PLL1707 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
12
SCKO0
150 ns
SCKO1
SCKO2
SCKO3
FS2, 1
Stable
Clock Transition Region
Stable
33.8688 MHz
SR
CSEL
50 ns
Figure 11. SCKO Transient Timing
POWER-ON RESET
The PLL1707/8 has an internal power-on reset circuit. The mode register of the PLL1708 is initialized with default settings
by power-on reset. Throughout the reset period, all clock outputs are enabled with the default settings after power-up time.
Initialization by internal power-on reset is done automatically during 1024 master clocks at VDD > 2.0 V (TYP). Power-on
reset timing is shown in Figure 12.
Reset
Reset Removal
1024 Master Clocks
VDD
2.4 V
2.0 V
1.6 V
Internal Reset
Master Clock
Figure 12. Power-On Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com