Electronic Components Datasheet Search
  English  ▼

X  

SLTS019B Datasheet(PDF) 3 Page - Texas Instruments

Part # SLTS019B
Description  1500 VDC Isolation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS019B Datasheet(HTML) 3 Page - Texas Instruments

  SLTS019B Datasheet HTML 1Page - Texas Instruments SLTS019B Datasheet HTML 2Page - Texas Instruments SLTS019B Datasheet HTML 3Page - Texas Instruments SLTS019B Datasheet HTML 4Page - Texas Instruments SLTS019B Datasheet HTML 5Page - Texas Instruments SLTS019B Datasheet HTML 6Page - Texas Instruments SLTS019B Datasheet HTML 7Page - Texas Instruments SLTS019B Datasheet HTML 8Page - Texas Instruments SLTS019B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA Curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT3342, 5.0 VDC (See Note A)
PT3343, 12.0 VDC (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT3341, 3.3 VDC (See Note A)
Safe Operating Area (Vin =24V) (See Note B)
Safe Operating Area (Vin =24V) (See Note B)
Safe Operating Area (Vin =24V) (See Note B)
PT3340 Series
30-W 24/48-V Input
Isolated DC/DC Converter
Typical Characteristics
20
30
40
50
60
70
80
90
024
68
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123
456
Iout (A)
Nat conv
60LFM
120LFM
200LFM
Airflow
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
0
10
20
30
40
50
024
68
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
0
2
4
6
8
10
024
68
Iout (A)
18.0V
24.0V
36.0V
48.0V
60.0V
VIN
0
10
20
30
40
50
60
70
0
123
456
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
0
2
4
6
8
10
012
34
56
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
0
20
40
60
80
100
120
0
0.5
11.5
22.5
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
50
60
70
80
90
02468
Iout (A)
18.0V
24.0V
36.0V
48.0V
60.0V
VIN
50
60
70
80
90
0
123
456
Iout (A)
18.0V
24.0V
36.0V
48.0V
60.0V
VIN
50
60
70
80
90
00.5
11.5
22.5
Iout (A)
18.0V
24.0V
36.0V
48.0V
60.0V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com