Electronic Components Datasheet Search
  English  ▼

X  

SLTS019B Datasheet(PDF) 5 Page - Texas Instruments

Part # SLTS019B
Description  1500 VDC Isolation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS019B Datasheet(HTML) 5 Page - Texas Instruments

  SLTS019B Datasheet HTML 1Page - Texas Instruments SLTS019B Datasheet HTML 2Page - Texas Instruments SLTS019B Datasheet HTML 3Page - Texas Instruments SLTS019B Datasheet HTML 4Page - Texas Instruments SLTS019B Datasheet HTML 5Page - Texas Instruments SLTS019B Datasheet HTML 6Page - Texas Instruments SLTS019B Datasheet HTML 7Page - Texas Instruments SLTS019B Datasheet HTML 8Page - Texas Instruments SLTS019B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Table 2
DC/DC CONVERTER ADJUSTMENT RESISTOR VALUES
Series Pt #
AL Case
24V Bus
PT3341
48V Bus
PT3327
PT3325
PT3326
PT3321
CU Case
24V Bus
PT4585
PT4581
48V Bus
PT4567
PT4565
PT4566
PT4561
Current
8Adc
8Adc
8Adc
8Adc
8Adc
Vo(nom)
1.8V
1.8V
2.0V
2.5V
3.3V
Va(req’d)
R1 = (Blue)
R2 = Black
1.65
(80.3)k
Ω
(80.3)k
Ω
1.7
(189.0)k
Ω
(189.0)k
Ω
1.75
(516.0)k
Ω
(516.0)k
Ω
1.8
1.85
1.31M
Ω
1.31M
Ω
(62.5)k
Ω
1.9
615.0k
Ω
615.0k
Ω
(194.0)k
Ω
1.95
383.0k
Ω
383.0k
Ω
(589.0)k
Ω
2.0
267.0k
Ω
2.05
198.0k
Ω
1.1M
Ω
2.1
151.0k
Ω
475.0k
Ω
2.15
118.0k
Ω
266.0k
Ω
2.2
93.3k
Ω
162.0k
Ω
2.25
74.0k
Ω
(20.7)k
Ω
2.3
58.6k
Ω
(64.7.0)k
Ω
2.35
45.9k
Ω
(138.0)k
Ω
2.4
35.4k
Ω
(285.0)k
Ω
2.45
26.4k
Ω
(726.0)k
Ω
2.5
18.8k
Ω
2.55
726.0k
Ω
2.6
302.0k
Ω
2.65
161.0k
Ω
2.7
90.6k
Ω
2.75
48.3k
Ω
2.95
(127.0)k
Ω
3.0
(183.0)k
Ω
3.05
(261.0)k
Ω
3.1
(377.0)k
Ω
3.15
(572.0)k
Ω
3.2
(961.0)k
Ω
3.25
(2.13)M
Ω
3.3
3.35
1.23M
Ω
3.4
539.0k
Ω
3.45
309.0k
Ω
3.5
194.0k
Ω
3.55
126.0k
Ω
3.6
79.6k
Ω
3.65
46.8k
Ω
PT3320/3340/4560/4580 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com