Electronic Components Datasheet Search
  English  ▼

X  

SLTS142C Datasheet(PDF) 6 Page - Texas Instruments

Part # SLTS142C
Description  1500VDC Isolation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS142C Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLTS142C Datasheet HTML 2Page - Texas Instruments SLTS142C Datasheet HTML 3Page - Texas Instruments SLTS142C Datasheet HTML 4Page - Texas Instruments SLTS142C Datasheet HTML 5Page - Texas Instruments SLTS142C Datasheet HTML 6Page - Texas Instruments SLTS142C Datasheet HTML 7Page - Texas Instruments SLTS142C Datasheet HTML 8Page - Texas Instruments SLTS142C Datasheet HTML 9Page - Texas Instruments SLTS142C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4842—48V
65-W Triple Output Isolated DC/DC
Converter for DSL Applications
Efficiency vs Output Power
PT4842 Performance Characteristics
(See Note A)
Typical Characteristics
Power Dissipation vs Output Power
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT4842 SOA vs Output Load @Vin =48V
PT4842 Safe Operating Areas (See Note B)
PT4842 SOA vs Output Load @Vin =60V
PT4842 SOA vs Output Load @Vin =36V
50
60
70
80
90
100
0
20406080
100
% Load (All Outputs)
36V
48V
75V
VIN
0
3
6
9
12
15
0
20406080
100
% Load (All Outputs)
75V
48V
36V
VIN
SLTS142C - DECEMBER 2000 -REVISED SEPTEMBER 2002
20
30
40
50
60
70
80
90
0
2040
6080
100
% Load (All Outputs)
300LFM
200LFM
100LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
2040
6080
100
% Load (All Outputs)
300LFM
200LFM
100LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
2040
6080
100
% Load (All Outputs)
300LFM
200LFM
100LFM
Nat conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com