Electronic Components Datasheet Search
  English  ▼

X  

SLTS142C Datasheet(PDF) 9 Page - Texas Instruments

Part # SLTS142C
Description  1500VDC Isolation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS142C Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLTS142C Datasheet HTML 5Page - Texas Instruments SLTS142C Datasheet HTML 6Page - Texas Instruments SLTS142C Datasheet HTML 7Page - Texas Instruments SLTS142C Datasheet HTML 8Page - Texas Instruments SLTS142C Datasheet HTML 9Page - Texas Instruments SLTS142C Datasheet HTML 10Page - Texas Instruments SLTS142C Datasheet HTML 11Page - Texas Instruments SLTS142C Datasheet HTML 12Page - Texas Instruments SLTS142C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT4840 Input/ Output Filter Capacitance Selection
for Excalibur™ Triple-Ouput DC/DC Converters
General Requirements
The capacitors on the input bus are optional but may be
required to insure dynamic response to load transients.
The suggested capacitors on the input bus include
ceramic noise attenuation components. The PT4840
series has an internal 1µH input inductor. This inductor
provides an effective input differential noise filter when
1µF ceramic capacitors are connected across the input
terminals. This low impedance filter has an attenuation
factor of typically 15dB.
The output capacitors are all optional and may be used
to optimize dynamic and transient load performance. The
maximum capacitance allowed for each bus is given in the
electrical specification table on p.3.
Input Capacitors
The input capacitors are all optional. The 33µF/100V
electrolytic capacitor should have a minimum ripple
current 400mA. Ripple current and <350m
Ω equivalent
series resistance (ESR) are the major considerations along
with temperature when selecting electrolytic capacitors.
The ceramic capacitors, each 1µF (3
×0.33µF), X7R type,
have a wide temperature range and are suggested for
noise reduction. The module’s internal inductor and the
external ceramic capacitors form an excellent differential
noise filter. Additional filter components, L1 and L2,
will reject common-mode input noise (See Figure 1). A
common-mode choke can also be used to reduce common-
mode noise levels. These optional filter components may
be required to meet FCC Class A limits for conducted
emissions.
PT4840 Series
Figure 1; Optional Capacitor and FIlter Components
IC Chip Set
+V
IN
– V
IN
+15VDC
+3.3VDC
+1.5VDC
PT4841
1
2
11
15 , 16
22 , 23
18 – 20
12 , 13
3
Vo
1
COM
COM
Vo
2
Vo
3
+V
IN
– V
IN
EN 1
Vo
2 adj
Vo
3adj
17
21
C
OUT 1
C
OUT 3
C
OUT 2
4
EN 2
L1
1 µ H
Optional
L1
1 µ H
Optional
C
Filter
0.33 µ Fx3
Ceramic
C
IN
C
Filter
0.33 µ Fx3
Ceramic
Optional Output Capacitors; Vo1 (Table 1)
The ESR of the 330µF output capacitor for Vo1 (+15V)
must be
≥40mΩ. Electrolytic capacitors have minimal
effect on ripple at frequencies greater than 200kHz but
excellent low-frequency transient response. At the ripple
frequency, ceramic decoupling capacitors improve the re-
sponse to fast transients and reduce any high-frequency
noise components during higher current excursions.
The preferred capacitor part numbers are identified in the
Table 1. The table identifies vendors with acceptable
ESR and ripple current (rms) ratings. The suggested
minimum quantities for Vo1 are identified. Tantalum
capacitors, rated 30V or greater with an equivalent ESR
of
≥40mΩ, are also recommended for Vo1.
Optional Output Capacitors; Vo2 & Vo3 (Table 2)
The combined ESR of the output capacitors selected for
Vo2 and Vo3 (lower bus voltages) must be ≥10mΩ. Low
ESR electrolytic capacitors have minimal effect on ripple
at frequencies greater than 200kHz but excellent low-
frequency transient response. Above the ripple frequency,
ceramic decoupling capacitors improve the response to
fast transients and reduce any high-frequency noise
components during higher current excursions. The
preferred lower ESR type capacitor part numbers for
Vo2 and Vo3 are identified in Table 2. The table identifies
vendors with acceptable ESR and ripple current (rms)
ratings. The tantalum and Oscon® type capacitors have
both low ESR and stable characteristics. These are
recommended for Vo2 and Vo3 in applications where the
temperature range extends below 0°C.
Capacitors from other vendors may also be suitable. The speci-
fications in both tables provide guidance for the selection of
alternative parts. The ripple current (rms) rating and ESR
(Equivalent Series Resistance at 100kHz) are the critical
parameters necessary to insure both optimum regulator and
long term capacitor life cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com