Electronic Components Datasheet Search
  English  ▼

X  

MAX4414ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4414ESA
Description  Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4414ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4414ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Low-Power, +3V/+5V, 400MHz Single-Supply
Op Amps with Rail-to-Rail Outputs
______________________________________________________________________________________
13
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, AVCL = +1V/V (MAX4414/MAX4416/MAX4418), AVCL = +5V/V (MAX4415/MAX4417/MAX4419),
RL = 1k
Ω to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)
100k
1M
10M
100M
MAX4414/MAX4416/MAX4418
DISTORTION vs. FREQUENCY
FREQUENCY (Hz)
0
-120
-100
-80
-60
-40
-20
AVCL = +1V/V, VOUT = 1Vp-p
2nd HARMONIC
3rd HARMONIC
100k
1M
10M
100M
MAX4415/MAX4417/MAX4419
DISTORTION vs. FREQUENCY
FREQUENCY (Hz)
-40
-100
-90
-80
-70
-60
-50
AVCL = +5V/V, VOUT = 2Vp-p
2nd HARMONIC
3rd HARMONIC
MAX4414/MAX4416/MAX4418
DISTORTION vs. OUTPUT VOLTAGE
-100
-95
-85
-90
-70
-65
-75
-80
-60
0
1.0
1.5
0.5
2.0
2.5
3.0
AVCL = +1V/V, f = 5MHz
3.5
VOUT (V)
2nd HARMONIC
3rd HARMONIC
-100
-90
-95
-75
-80
-85
-65
-70
-60
0
1.5 2.0
0.5 1.0
2.5 3.0 3.5 4.0 4.5
VOUT (V)
MAX4415/MAX4417/MAX4419
DISTORTION vs. OUTPUT VOLTAGE
AVCL = +5V/V, f = 5MHz
2nd HARMONIC
3rd HARMONIC
100
1k
10k
RLOAD (
Ω)
0
-120
-100
-80
-60
-40
-20
MAX4414/MAX4416/MAX4418
DISTORTION vs. LOAD RESISTANCE
AVCL = +1V/V, VOUT = 1Vp-p, f = 5MHz
2nd HARMONIC
3rd HARMONIC
100
1k
10k
RLOAD (
Ω)
0
-120
-100
-80
-60
-40
-20
MAX4415/MAX4417/MAX4419
DISTORTION vs. LOAD RESISTANCE
AVCL = +5V/V, VOUT = 2Vp-p, f = 5MHz
2nd HARMONIC
3rd HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com