Electronic Components Datasheet Search
  English  ▼

X  

MAX4414ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4414ESA
Description  Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4414ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4414ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4414ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Low-Power, +3V/+5V, 400MHz Single-Supply
Op Amps with Rail-to-Rail Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VCM = VCC/2 - 0.75V, VEE = 0, RL = ∞ to VCC/2, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+6V
Differential Input Voltage ....................................................±2.5V
IN_-, IN_+, OUT_..............................(VCC + 0.3V) to (VEE - 0.3V)
Current into Input Pins ......................................................±20mA
Output Short-Circuit Duration to VCC or VEE ..............Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
VS
Guaranteed by PSRR test
2.7
5.5
V
VCC = +5V
1.6
3
Quiescent Supply Current
(per Amplifier)
IS
VCC = +3V
1.4
2.6
mA
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR test
VEE -
0.1
VCC -
1.5
V
Input Offset Voltage
VOS
0.5
6
mV
Input Offset Voltage Temperature
TCVOS
3
µV/°C
Input Offset Voltage Matching
MAX4416–MAX4419
±1
mV
Input Bias Current
IB
1.3
4
µA
Input Offset Current
IOS
0.1
0.7
µA
Differential mode,
-0.04V
≤ (VIN+ - VIN-) ≤ +0.04V
60
k
Ω
Input Resistance
RIN
Common mode,
VEE - 0.1V < VCM < VCC - 1.5V
16
M
Ω
Common-Mode Rejection Ratio
CMRR
VEE - 0.1V < VCM < VCC - 1.5V
65
94
dB
+0.2V
≤ VOUT ≤ +4.8V, RL = 10kΩ
78
93
+0.4V
≤ VOUT ≤ +4.6V, RL = 1kΩ
68
80
+0.3V
≤ VOUT ≤ +4.4V,
RL = 1k
Ω to VEE
66
80
VCC = +5V
+1V
≤ VOUT ≤ +4V, RL = 150Ω
65
+0.2V
≤ VOUT ≤ +2.8V, RL = 10kΩ
75
90
+0.25V
≤ VOUT ≤ +2.75V, RL = 1kΩ
65
78
+0.2V
≤ VOUT ≤ +2.5V,
RL = 1k
Ω to VEE
63
75
Open-Loop Gain
AVOL
VCC = +3V
+0.5V
≤ VOUT ≤ +2.5V, RL = 150Ω
62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com