Electronic Components Datasheet Search
  English  ▼

X  

SLTS152 Datasheet(PDF) 6 Page - Texas Instruments

Part # SLTS152
Description  40-A Programmable Integrated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS152 Datasheet(HTML) 6 Page - Texas Instruments

  SLTS152 Datasheet HTML 1Page - Texas Instruments SLTS152 Datasheet HTML 2Page - Texas Instruments SLTS152 Datasheet HTML 3Page - Texas Instruments SLTS152 Datasheet HTML 4Page - Texas Instruments SLTS152 Datasheet HTML 5Page - Texas Instruments SLTS152 Datasheet HTML 6Page - Texas Instruments SLTS152 Datasheet HTML 7Page - Texas Instruments SLTS152 Datasheet HTML 8Page - Texas Instruments SLTS152 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT7761
Using the Standby Function on the PT7761
Excalibur™ Integrated Switching Regulator
For applications requiring output voltage On/Off control,
the PT7761 integrated switching regulator (ISR) module
incorporates a standby function. This feature may be used
for power-up/shutdown sequencing, and to change the
output voltage while input power is applied. See related
application notes: “Pin-Coded Output Voltage Adjustment
of PT7761 Excalibur ISRs.”
The standby function is provided by the STBY* control,
pin 6. If pin 6 is left open-circuit the regulator operates
normally, providing a regulated output whenever a valid
supply voltage is applied to Vin (pins 9–14) with respect to
GND (pins 16–22). Connecting pin 6 to ground 1 will set
the regulator output to zero volts 2. This places the regu-
lator in standby mode, and reduces the input current to
typcially 30mA (60mA max). If a ground signal is applied
to pin 6 prior to power-up, the regulator output will be
held at zero volts during the period that input power is
applied.
The standby input must be controlled with an open-
collector (or open-drain) discrete transistor (See Figure 1).
Table 1 gives the threshold requirements.
Table 1 Standby Control Input Requirements (1)
Parameter
Min
Typ
Max
Enable
2V
Open Cct. 1
Disable
–0.2V
0.8V
Istby
0.4mA
Vstby (o/c)
Vin
Notes:
1. The Standby input on the PT7761 regulator must be
controlled using an open-collector (or open-drain) discrete
transistor. Do Not use a pull-up resistor. The control input
has an open-circuit voltage equal to Vin. To set the
regulator output to zero, the control pin must be “pulled”
to less than 0.8Vdc with a 0.5mA sink to ground.
2. When placed in the standby mode, the regulator output
discharges the output capacitance with a low impedance to
ground.
3. The turn-off time of Q1, or rise time of the standby input
is not critical for the PT7761. Turning Q1 off slowly, over
periods up to 100ms, will not affect regulator operation.
However, a slow turn-off time will increase both the initial
delay and rise-time of the output voltage.
Figure 1
Turn-On Time:
Turning Q1 in Figure 1 off, removes the low-
voltage signal at pin 6 and enables the output. Following a
brief delay of approximately 10ms 3, the output voltage of
the PT7761 series regulators rise to full regulation within
15ms 3. Figure 2 shows the typical output voltage wave-
form of the PT7761 following the prompt turn-off of Q1 at
time t =0 secs. The output voltage in Figure 1 is set to 3.3V
by connecting VID0 (pin 1), VID2 (pin 3), and VID3 (pin 4)
to the Rem Sense GND (pin 15)*. The waveform in Figure 2
was measured with a +5V input source voltage, and 10A resis-
tive load.
Figure 2
C
out
+
C
in
+
+5V
COM
Inhibit
L
O
A
D
+ 3.3V
COM
Q1
BSS138
PT7761
43
21
3 1
23 – 30
15
61 6 – 22
9 – 14
5
7
Sync
G N D
Sns (+)
Sns ( – )
V
OUT
V
IN
Stby
VID0 - VID4
* Consult the data sheet for details on other VID codes.
Vo (1V/Div)
Iin (5A/Div)
Vstby (5V/Div)
HORIZ SCALE: 5ms/Div



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com